Electronic Components Datasheet Search
  English  ▼

X  

GPS Datasheet(PDF) 12 Page - SHENZHEN KYL COMMUNICATION EQUIPMENT CO,LTD.

Part # GPS
Description  Tracker
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KYL [SHENZHEN KYL COMMUNICATION EQUIPMENT CO,LTD.]
Direct Link  http://www.rf-data.com
Logo KYL - SHENZHEN KYL COMMUNICATION EQUIPMENT CO,LTD.

GPS Datasheet(HTML) 12 Page - SHENZHEN KYL COMMUNICATION EQUIPMENT CO,LTD.

Back Button GPS Datasheet HTML 7Page - SHENZHEN KYL COMMUNICATION EQUIPMENT CO,LTD. GPS Datasheet HTML 8Page - SHENZHEN KYL COMMUNICATION EQUIPMENT CO,LTD. GPS Datasheet HTML 9Page - SHENZHEN KYL COMMUNICATION EQUIPMENT CO,LTD. GPS Datasheet HTML 10Page - SHENZHEN KYL COMMUNICATION EQUIPMENT CO,LTD. GPS Datasheet HTML 11Page - SHENZHEN KYL COMMUNICATION EQUIPMENT CO,LTD. GPS Datasheet HTML 12Page - SHENZHEN KYL COMMUNICATION EQUIPMENT CO,LTD. GPS Datasheet HTML 13Page - SHENZHEN KYL COMMUNICATION EQUIPMENT CO,LTD. GPS Datasheet HTML 14Page - SHENZHEN KYL COMMUNICATION EQUIPMENT CO,LTD. GPS Datasheet HTML 15Page - SHENZHEN KYL COMMUNICATION EQUIPMENT CO,LTD.  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
Shenzhen KYL Communication Equipment Co., Ltd
www.rf-data.com
Fax: 86-755-83408785
sales02@rf-data.com
12
authorized numbers. It will alarm one time in each setting.
b. Cancel: Send SMS ‘nospeed+password’ to deactivate the over-speed alert
5.15 IMEI checking:
Send SMS imei+password to the device to check the IMEI number.
For example: Send imei123456 to the device
5.16 SOS button
Press the SOS for 3 second, it will send “help me!+ Geo-info “to all the
authorized numbers every 3 minutes for 3 times. It will stop sending such a SMS
when one of the authorized number reply SMS “help me!” to the tracker.
5.17 Low battery alert
It begins to alert when it is 3.7V and send you SMS in 30m interval.
SMS format: low battery+Geo-info.
5.18 Hidden number tracking
When a hidden authorized number calls the tracker, the tracker will reply SMS
with the hidden number&Geo-info to all the authorized numbers.
a. Send SMS “hide number” to set up the hidden number.
b. Send SMS “nohide number” to delete the hidden number.
5.19 SMS center
a. Send SMS adminsms+password+space+cell phone number to set the
SMS center.
b. If the SMS center is set up, when an authorized number sends SMS to the
tracker, the tracker will reply a SMS with Geo-info & authorized number
to SMS center.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com