Electronic Components Datasheet Search
  English  ▼

X  

C5928 Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part # C5928
Description  Switching Regulator Applications
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

C5928 Datasheet(HTML) 3 Page - Sanyo Semicon Device

  C5928 Datasheet HTML 1Page - Sanyo Semicon Device C5928 Datasheet HTML 2Page - Sanyo Semicon Device C5928 Datasheet HTML 3Page - Sanyo Semicon Device C5928 Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
2SC5763
No.6989-3/4
PC -- Tc
IT03062
Collector Current, IC -- A
SW Time -- IC
IT03058
Forward Bias A S O
IT03077
Reverse Bias A S O
IT03060
0.2
0
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
1.75
2.0
0
20
40
60
80
100
120
140
160
PC -- Ta
IT03061
2
10
1.0
0.1
3
7
5
2
3
7
5
0.1
1.0
0.01
23
7
52
3
7
52
3
7
5
10
VBE(sat) -- IC
IT03057
2
3
7
5
2
3
7
5
10
1.0
0.1
0.1
23
7
5
1.0
23
7
5
10
120°C
25°C
Ta= --40°C
IC / IB=5
VCC=200V
IC / IB1=5, IB2 / IB1=2.5
R load
tstg
tf
2
2
3
5
7
2
3
5
7
10
1.0
0.1
1.0
23
5 7
23
5 7
10
100
23
5 7 1000
Tc=25
°C
IB2= --1.2A
L=500
µH, Single pulse
ICP
Collector Current, IC -- A
Collector-to-Emitter Voltage, VCE -- V
Collector-to-Emitter Voltage, VCE -- V
Ambient Temperature, Ta --
°C
Case Temperature, Tc --
°C
No
heat
sink
1.0
23
5 7 10
23
5 7
23
5 7
100
1000
10
1.0
0.1
2
3
5
7
2
3
5
7
2
3
2
3
5
7
0.01
≤50µs
ICP=14A
IC=7A
100
µ
s
DC
operation
Tc=25
°C
Single pulse
10
0
20
30
40
50
60
55
70
80
0
20
40
60
80
100
120
140
160



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com