Electronic Components Datasheet Search
  English  ▼

X  

ATXMEGA32D4 Datasheet(PDF) 1 Page - ATMEL Corporation

Part # ATXMEGA32D4
Description  8/16-bit AVR XMEGA D4 Microcontroller
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATXMEGA32D4 Datasheet(HTML) 1 Page - ATMEL Corporation

  ATXMEGA32D4 Datasheet HTML 1Page - ATMEL Corporation ATXMEGA32D4 Datasheet HTML 2Page - ATMEL Corporation ATXMEGA32D4 Datasheet HTML 3Page - ATMEL Corporation ATXMEGA32D4 Datasheet HTML 4Page - ATMEL Corporation ATXMEGA32D4 Datasheet HTML 5Page - ATMEL Corporation ATXMEGA32D4 Datasheet HTML 6Page - ATMEL Corporation ATXMEGA32D4 Datasheet HTML 7Page - ATMEL Corporation ATXMEGA32D4 Datasheet HTML 8Page - ATMEL Corporation ATXMEGA32D4 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 100 page
background image
Features
• High-performance, Low-power 8/16-bit AVR XMEGA Microcontroller
• Non-volatile Program and Data Memories
– 16 KB - 128 KB of In-System Self-Programmable Flash
– 4 KB - 8 KB Boot Code Section with Independent Lock Bits
– 1 KB - 2 KB EEPROM
– 2 KB - 8 KB Internal SRAM
• Peripheral Features
– Four-channel Event System
– Four 16-bit Timer/Counters
Three Timer/Counters with 4 Output Compare or Input Capture channels
One Timer/Counter with 2 Output Compare or Input Capture channels
High-Resolution Extensions on two Timer/Counters
Advanced Waveform Extension on one Timer/Counter
– Two USARTs
IrDA Extension on one USART
– Two Two-Wire Interfaces with dual address match (I2C and SMBus compatible)
– Two SPIs (Serial Peripheral Interfaces) peripherals
– 16-bit Real Time Counter with Separate Oscillator
– One Twelve-channel, 12-bit, 200 ksps Analog to Digital Converter
– Two Analog Comparators with Window compare function
– External Interrupts on all General Purpose I/O pins
– Programmable Watchdog Timer with Separate On-chip Ultra Low Power Oscillator
• Special Microcontroller Features
– Power-on Reset and Programmable Brown-out Detection
– Internal and External Clock Options with PLL
– Programmable Multi-level Interrupt Controller
– Sleep Modes: Idle, Power-down, Standby, Power-save, Extended Standby
– Advanced Programming, Test and Debugging Interface
PDI (Program and Debug Interface) for programming, test and debugging
• I/O and Packages
– 34 Programmable I/O Lines
– 44-lead TQFP
– 44-pad VQFN/QFN
– 49-ball VFBGA
• Operating Voltage
– 1.6 – 3.6V
• Speed performance
– 0 – 12 MHz @ 1.6 – 3.6V
– 0 – 32 MHz @ 2.7 – 3.6V
Typical Applications
• Industrial control
• Climate control
• Hand-held battery applications
• Factory automation
• ZigBee
• Power tools
• Building control
• Motor control
• HVAC
• Board control
• Networking
• Metering
• White Goods
• Optical
• Medical Applications
8/16-bit
XMEGA D4
Microcontroller
ATxmega128D4
ATxmega64D4
ATxmega32D4
ATxmega16D4
Preliminary
8135G–AVR–08/10


Similar Part No. - ATXMEGA32D4

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATXMEGA32D4 ATMEL-ATXMEGA32D4 Datasheet
3Mb / 105P
8/16-bit XMEGA D4 Microcontroller
More results

Similar Description - ATXMEGA32D4

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATXMEGA256A3 ATMEL-ATXMEGA256A3_09 Datasheet
3Mb / 108P
8/16-bit XMEGA A3 Microcontroller
ATXMEGA256A3B ATMEL-ATXMEGA256A3B_10 Datasheet
3Mb / 105P
8/16-bit XMEGA A3B Microcontroller
ATXMEGA256A3 ATMEL-ATXMEGA256A3_10 Datasheet
3Mb / 110P
8/16-bit AVR XMEGA A3 Microcontroller
ATXMEGA256D3 ATMEL-ATXMEGA256D3 Datasheet
3Mb / 98P
8/16-bit AVR XMEGA D3 Microcontroller
ATXMEGA128D4_1012 ATMEL-ATXMEGA128D4_1012 Datasheet
3Mb / 105P
8/16-bit XMEGA D4 Microcontroller
ATXMEGA8E5 ATMEL-ATXMEGA8E5_14 Datasheet
2Mb / 147P
8/16-bit Atmel AVR XMEGA Microcontrollers
ATXMEGA16E5 ATMEL-ATXMEGA16E5_14 Datasheet
2Mb / 147P
8/16-bit Atmel AVR XMEGA Microcontrollers
ATXMEGA32E5 ATMEL-ATXMEGA32E5_14 Datasheet
2Mb / 147P
8/16-bit Atmel AVR XMEGA Microcontrollers
ATXMEGA64D3 ATMEL-ATXMEGA64D3_14 Datasheet
3Mb / 86P
8/16-bit Atmel AVR XMEGA D3 Microcontroller
ATXMEGA32E5 ATMEL-ATXMEGA32E5 Datasheet
2Mb / 145P
8/16-bit Atmel AVR XMEGA Microcontrollers
2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com