Electronic Components Datasheet Search
  English  ▼

X  

VRD50LTX Datasheet(PDF) 15 Page - List of Unclassifed Manufacturers

Part # VRD50LTX
Description  CMOS
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

VRD50LTX Datasheet(HTML) 15 Page - List of Unclassifed Manufacturers

Back Button VRD50LTX Datasheet HTML 11Page - List of Unclassifed Manufacturers VRD50LTX Datasheet HTML 12Page - List of Unclassifed Manufacturers VRD50LTX Datasheet HTML 13Page - List of Unclassifed Manufacturers VRD50LTX Datasheet HTML 14Page - List of Unclassifed Manufacturers VRD50LTX Datasheet HTML 15Page - List of Unclassifed Manufacturers VRD50LTX Datasheet HTML 16Page - List of Unclassifed Manufacturers VRD50LTX Datasheet HTML 17Page - List of Unclassifed Manufacturers VRD50LTX Datasheet HTML 18Page - List of Unclassifed Manufacturers VRD50LTX Datasheet HTML 19Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 36 page
background image
AnaSem Inc.
14
Rev. C09-08
VRD 系列
高速度
, 低压差, ±1% 高输出精度 CMOS双路稳压器
.......... Future of the analog world
一般特征
– 压差 vs. 输出电流
50
100
150
200
0
VRD (VOUT=1.5V)
Output Current : IOUT (mA)
EN=VIN, CIN=CL=1.0µF
50
100
150
200
0
VRD (VOUT=2.8V)
Output Current : IOUT (mA)
50
100
150
200
0
VRD (VOUT=3.3V)
Output Current : IOUT (mA)
50
100
150
200
0
VRD (VOUT=1.8V)
Output Current : IOUT (mA)
Ta=+25°C
Ta=–40°C
Ta=+85°C
Ta=+25°C
Ta=–40°C
Ta=+85°C
Ta=+25°C
Ta=–40°C
Ta=+85°C
Ta=+25°C
Ta=–40°C
Ta=+85°C
0.40
0.30
0.20
0
0.05
0.15
0.25
0.35
0.10
0.40
0.30
0.20
0
0.05
0.15
0.25
0.35
0.10
0.40
0.30
0.20
0
0.05
0.15
0.25
0.35
0.10
0.40
0.30
0.20
0
0.05
0.15
0.25
0.35
0.10
EN=VIN, CIN=CL=1.0µF
EN=VIN, CIN=CL=1.0µF
EN=VIN, CIN=CL=1.0µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com