Electronic Components Datasheet Search
  English  ▼

X  

VDD301LNTA Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # VDD301LNTA
Description  CMOS
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

VDD301LNTA Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button VDD301LNTA Datasheet HTML 2Page - List of Unclassifed Manufacturers VDD301LNTA Datasheet HTML 3Page - List of Unclassifed Manufacturers VDD301LNTA Datasheet HTML 4Page - List of Unclassifed Manufacturers VDD301LNTA Datasheet HTML 5Page - List of Unclassifed Manufacturers VDD301LNTA Datasheet HTML 6Page - List of Unclassifed Manufacturers VDD301LNTA Datasheet HTML 7Page - List of Unclassifed Manufacturers VDD301LNTA Datasheet HTML 8Page - List of Unclassifed Manufacturers VDD301LNTA Datasheet HTML 9Page - List of Unclassifed Manufacturers VDD301LNTA Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
AnaSem Inc.
5
Rev. C09-09
VDD 系列
低电压
, 低功耗, ±1% 高精度电压检测内置延迟电路 CMOS 电压检测器
.......... Future of the analog world
电子规格
(Ta=25°C 除非另有注明)
项目
符号
条件
最低
一般
最高
单位
测试
电路
工作电压范围
VIN
VDET = 1.8V ~ 6.0V
0.7
-
6.0
V
1
检测电压
VDET
VDET = 1.8V ~ 6.0V
Ta = –40°C ~ +85°C
VDET
×0.99
VDET
VDET
×1.01
V
1
滯後现象范围
VHYS
VDET
×0.02
VDET
×0.05
VDET
×0.08
V
1
VIN=0.7V
0.1
0.35
-
mA
VIN=1.0V
1.0
2.3
-
mA
VIN=2.0V
3.0
8.2
-
mA
VIN=3.0V
5.0
11.1
-
mA
VIN=4.0V
6.0
12.8
-
mA
N-ch
VDS=0.5V
VIN=5.0V
7.0
13.8
-
mA
3
CMOS P-ch
VDS=2.1V
VIN=6.0V
-
-9.5
-1.5
mA
4
输出电流
IOUT
CMOS N-ch
VDS=2.1V
VIN=6.0V
1.5
9.5
-
mA
3
VIN=1.5V
-
0.6
2.1
μA
VIN=2.0V
-
0.7
2.5
μA
VIN=3.0V
-
0.8
2.8
μA
VIN=4.0V
-
0.9
3.0
μA
电流功耗
ISS
VIN=5.0V
-
1.0
3.4
μA
2
流失电流
ILEAK
VIN=6.0V VOUT=6.0V
-
10
100
nA
3
电压检测温度特征
∆VDET /
∆Ta•VDET
VDET = 1.8V ~ 6.0V
Ta = –40°C ~ +85°C
-
±20
-
ppm/°C
1
10
-
50
ms
50
-
200
ms
延迟时间
VDR→VOUT inversion
TDLY
VIN = 0.7V ~ 6.0V
80
-
400
ms
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com