Electronic Components Datasheet Search
  English  ▼

X  

PT2240P Datasheet(PDF) 12 Page - Princeton Technology Corp

Part # PT2240P
Description  Programmable Encoder IC
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp

PT2240P Datasheet(HTML) 12 Page - Princeton Technology Corp

Back Button PT2240P Datasheet HTML 7Page - Princeton Technology Corp PT2240P Datasheet HTML 8Page - Princeton Technology Corp PT2240P Datasheet HTML 9Page - Princeton Technology Corp PT2240P Datasheet HTML 10Page - Princeton Technology Corp PT2240P Datasheet HTML 11Page - Princeton Technology Corp PT2240P Datasheet HTML 12Page - Princeton Technology Corp PT2240P Datasheet HTML 13Page - Princeton Technology Corp PT2240P Datasheet HTML 14Page - Princeton Technology Corp PT2240P Datasheet HTML 15Page - Princeton Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
Tel: 886-2-66296288
Fax: 886-2-29174598
URL: http://www.princeton.com.tw
PT2240 V1.7
- 12 -
March, 2006
Programmable Encoder IC
PT2240
Symbol
Min.
Typ.
Max.
A
1.35
-
1.75
A1
0.10
-
0.25
A2
1.25
-
1.65
b
0.31
-
0.51
b1
0.28
-
0.48
c
0.17
-
0.25
c1
0.17
-
0.23
D
4.90 BSC.
E
6.00 BSC.
E1
3.90 BSC.
e
1.27 BSC.
L
0.40
-
1.27
L1
1.04 REF.
L2
0.25 BSC.
R
0.07
-
-
R1
0.07
-
h
0.25
-
0.50
θ
0°
-
8°
θ1
5°
-
15°
θ2
0°
-
-
Notes:
1.
Dimensioning and tolerancing per ANSI Y 14.5M-1994
2.
Controlling Dimension: MILLIMETERS.
3.
Dimension D does not include mold flash protrusions or gate burrs. Mold flash, protrusions or
gate burrs shall not exceed 0.15 mm (0.006 in) per end. Dimension E1 does not include
interlead flash or protrusion. Interlead flash or protrusion shall not exceed 0.25mm per side. D
and E1 dimensions are determined at datum H.
4.
The package top may be smaller than the package bottom. Dimensions D and E1 are
determined at the outermost extremes of the plastic body exclusive of mold flash, tie bar burrs,
gate burrs and interlead flash, but including any mismatch between the top and bottom of the
plastic body.
5.
Datums A & B to be determined at datum H.
6.
N is the number of terminal positions. (N=8)
7.
The dimensions apply to the flat section of the lead between 0.10 to 0.25mm from the lead tip.
8.
Dimension “b” does not include dambar protrusion. Allowable dambar protrusion shall be
0.10mm total in excess of the “b” dimension at maximum material condition. The dambar cannot
be located on the lower radius of the foot.
9.
This chamfer feature is optional. If it is not present, then a pin 1 identifier must be located within
the index area indicated.
10. Refer to JEDEC MS-012, Variation AA.
JEDEC is the registered trademark of JEDEC SOLID STATE TECHNOLOGY ASSOCIATION.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com