Electronic Components Datasheet Search
  English  ▼

X  

PT2262 Datasheet(PDF) 9 Page - Princeton Technology Corp

Part # PT2262
Description  Remote Control Encoder
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp

PT2262 Datasheet(HTML) 9 Page - Princeton Technology Corp

Back Button PT2262 Datasheet HTML 5Page - Princeton Technology Corp PT2262 Datasheet HTML 6Page - Princeton Technology Corp PT2262 Datasheet HTML 7Page - Princeton Technology Corp PT2262 Datasheet HTML 8Page - Princeton Technology Corp PT2262 Datasheet HTML 9Page - Princeton Technology Corp PT2262 Datasheet HTML 10Page - Princeton Technology Corp PT2262 Datasheet HTML 11Page - Princeton Technology Corp PT2262 Datasheet HTML 12Page - Princeton Technology Corp PT2262 Datasheet HTML 13Page - Princeton Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
Tel: 886-2-66296288
Fax: 886-2-29174598
URL: http://www.princeton.com.tw
PT2262 V3.8
- 9 -
September, 2008
Remote Control Encoder
PT2262
ABSOLUTE MAXIMUM RATING
Parameter
Symbol
Condition
Rating
Unit
Supply Voltage
Vcc
-0.3 ~ 16.0
V
Input Voltage
VI
-0.3 ~ Vcc+0.3
V
Output Voltage
VO
-0.3 ~ Vcc+0.3
V
Maximum Power Dissipation
Pa
Vcc = 12V
300
mW
Operating Temperature
Topr
-40 ~ +85
℃
Storage Temperature
Tstg
-65 ~ 150
℃
DC ELECTRICAL CHARACTERISTICS
Parameter
Symbol
Test Condition
Min.
Typ.
Max.
Unit
Supply Voltage
Vcc
4
15
V
Stand-by Current
ISB
Vcc = 12V
OSC2 = 12V
A0 ~ A11 Open
0.1
1
µA
Vcc = 5V
VOH = 3V
-3
mA
Vcc = 8V
VOH = 4V
-6
mA
DOUT Output Driving Current
IOH
Vcc = 12V
VOH = 6V
-10
mA
Vcc = 5V, VOL=3V
2
mA
Vcc = 8V
VOL = 4V
5
mA
DOUT Output Sinking Current
IOL
Vcc = 12V
VOL = 6V
9
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com