Electronic Components Datasheet Search
  English  ▼

X  

PT2264 Datasheet(PDF) 10 Page - Princeton Technology Corp

Part # PT2264
Description  Remote Control Encoder IC
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp

PT2264 Datasheet(HTML) 10 Page - Princeton Technology Corp

Back Button PT2264 Datasheet HTML 6Page - Princeton Technology Corp PT2264 Datasheet HTML 7Page - Princeton Technology Corp PT2264 Datasheet HTML 8Page - Princeton Technology Corp PT2264 Datasheet HTML 9Page - Princeton Technology Corp PT2264 Datasheet HTML 10Page - Princeton Technology Corp PT2264 Datasheet HTML 11Page - Princeton Technology Corp PT2264 Datasheet HTML 12Page - Princeton Technology Corp PT2264 Datasheet HTML 13Page - Princeton Technology Corp PT2264 Datasheet HTML 14Page - Princeton Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
Tel: 886-2-66296288
Fax: 886-2-29174598
URL: http://www.princeton.com.tw
PT2264 V1.1
- 10 -
April, 2006
Remote Control Encoder IC
PT2264
ABSOLUTE MAXIMUM RATINGS
Parameter
Symbol
Condition
Rating
Unit
Supply voltage
VCC
-0.3 ~ 16.0
V
Input voltage
VI
-0.3 ~ VCC+0.3
V
Output voltage
VO
-0.3 ~ VCC+0.3
V
Maximum power dissipation
Pa
VCC=12 V
300
mW
Operating temperature
Topr
-40 ~ +85
℃
Storage temperature
Tstg
-65 ~ +150
℃
DC ELECTRICAL CHARACTERISTICS
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Unit
Supply voltage
VCC
8.0
-
15
V
Stand-by current
ISB
VCC=12V
OSC2=12V
A0 ~ A11 Open
-
0.1
1
µA
VCC=8V
VOH=4V
-6
-
-
mA
DOUT output driving current
IOH
VCC=12V
VOH=6V
-10
-
-
mA
VCC=8V
VOL=4V
5
-
-
mA
DOUT output sinking current
IOL
VCC=12V
VOL=6V
9
-
-
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com