Electronic Components Datasheet Search
  English  ▼

X  

VRD50NLX Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # VRD50NLX
Description  CMOS
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

VRD50NLX Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  VRD50NLX Datasheet HTML 1Page - List of Unclassifed Manufacturers VRD50NLX Datasheet HTML 2Page - List of Unclassifed Manufacturers VRD50NLX Datasheet HTML 3Page - List of Unclassifed Manufacturers VRD50NLX Datasheet HTML 4Page - List of Unclassifed Manufacturers VRD50NLX Datasheet HTML 5Page - List of Unclassifed Manufacturers VRD50NLX Datasheet HTML 6Page - List of Unclassifed Manufacturers VRD50NLX Datasheet HTML 7Page - List of Unclassifed Manufacturers VRD50NLX Datasheet HTML 8Page - List of Unclassifed Manufacturers VRD50NLX Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 36 page
background image
AnaSem Inc.
2
Rev. C09-08
VRD 系列
高速度
, 低压差, ±1% 高输出精度 CMOS双路稳压器
.......... Future of the analog world
产品型号定义
输出功能分类选择表
符号
输出
1
输出
2
输出电压范围设定
L
±20mv
±20mv
VOUT1=0.80V~1.9V / VOUT2=0.80V~1.9V
M
±20mv
±1%
VOUT1=0.80V~1.9V / VOUT2=1.95V~5.0V
N
±1%
±20mv
VOUT1=1.95V~5.0V / VOUT2=0.80V~1.9V
P
±1%
±1%
VOUT1=1.95V~5.0V / VOUT2=1.95V~5.0V
电压输出型号编排表
符号
电压
符号
电压
符号
电压
符号
电压
符号
电压
1A
1.05
2A
2.05
3A
3.05
4A
4.05
11
1.10
21
2.10
31
3.10
41
4.10
1B
1.15
2B
2.15
3B
3.15
4B
4.15
12
1.20
22
2.20
32
3.20
42
4.20
1C
1.25
2C
2.25
3C
3.25
4C
4.25
13
1.30
23
2.30
33
3.30
43
4.30
1D
1.35
2D
2.35
3D
3.35
4D
4.35
14
1.40
24
2.40
34
3.40
44
4.40
1E
1.45
2E
2.45
3E
3.45
4E
4.45
15
1.50
25
2.50
35
3.50
45
4.50
1F
1.55
2F
2.55
3F
3.55
4F
4.55
16
1.60
26
2.60
36
3.60
46
4.60
1G
1.65
2G
2.65
3G
3.65
4G
4.65
17
1.70
27
2.70
37
3.70
47
4.70
1H
1.75
2H
2.75
3H
3.75
4H
4.75
08
0.80
18
1.80
28
2.80
38
3.80
48
4.80
0J
0.85
1J
1.85
2J
2.85
3J
3.85
4J
4.85
09
0.90
19
1.90
29
2.90
39
3.90
49
4.90
0K
0.95
1K
1.95
2K
2.95
3K
3.95
4K
4.95
10
1.00
20
2.00
30
3.00
40
4.00
50
5.00
VRD
电压输出(管道
1)
放电功能
T : SOT-26
N : SON-6
L : LLP-6
IC封装类别
L / M / N / P
* 请参考以下选择列表
输出功能分类
X : 自动放电
08 ~ 50 : 在0.8V~5.0V输出电压范围内能以0.
05V间隔来设定电压输出
e.g.) 2J : 2.85V, 33 : 3.30V
* 请参考以下选择列表
电压输出(管道
2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com