Electronic Components Datasheet Search
  English  ▼

X  

PT2332 Datasheet(PDF) 2 Page - Princeton Technology Corp

Part # PT2332
Description  2.2W횞2 Class-D Audio Power Amplifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp

PT2332 Datasheet(HTML) 2 Page - Princeton Technology Corp

  PT2332 Datasheet HTML 1Page - Princeton Technology Corp PT2332 Datasheet HTML 2Page - Princeton Technology Corp PT2332 Datasheet HTML 3Page - Princeton Technology Corp PT2332 Datasheet HTML 4Page - Princeton Technology Corp PT2332 Datasheet HTML 5Page - Princeton Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Tel:886-2-66296288
Fax:886-2-29174598
URL:http://www.princeton.com.tw
PT2332 PRE1.0
- 2 -
September, 2006
2.2W×2 Class-D Audio Power Amplifier
Preliminary
PT2332
PIN CONFIGURATION
16
1
INRN
INRP
VCC
GAIN
/SD
GND
INLN
INLP
OUTLP
OUTLN
GNDL
GNDR
VDDL
VDDR
OUTRP
OUTRN
2
3
4
5
6
7
89
10
11
12
13
14
15
PIN DESCRIPTION
Pin
I/O
Symbol
Function
Pin
I/O
Symbol
Function
1
I
INRP
Right channel input (+)
9
O
OUTLP
Left channel output (+)
2
I
INRN
Right channel input (-)
10
Power
GNDL
Ground (Left channel)
3
Power
VCC
Power input
11
Power
VDDL
Left channel power input
4
I
GAIN
Gain setting
12
O
OUTLN
Left channel output (-)
5
I
/SD
Shutdown
13
O
OUTRN
Right channel output (-)
6
Power
GND
Ground
14
Power
VDDR
Right channel power input
7
I
INLN
Left channel input (-)
15
Power
GNDR
Ground (Right channel)
8
I
INLP
Left channel input (+)
16
O
OUTRP
Right channel output (+)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com