Electronic Components Datasheet Search
  English  ▼

X  

PT2396 Datasheet(PDF) 13 Page - Princeton Technology Corp

Part # PT2396
Description  Digital Echo/Surround Processor IC
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp

PT2396 Datasheet(HTML) 13 Page - Princeton Technology Corp

Back Button PT2396 Datasheet HTML 9Page - Princeton Technology Corp PT2396 Datasheet HTML 10Page - Princeton Technology Corp PT2396 Datasheet HTML 11Page - Princeton Technology Corp PT2396 Datasheet HTML 12Page - Princeton Technology Corp PT2396 Datasheet HTML 13Page - Princeton Technology Corp PT2396 Datasheet HTML 14Page - Princeton Technology Corp PT2396 Datasheet HTML 15Page - Princeton Technology Corp PT2396 Datasheet HTML 16Page - Princeton Technology Corp PT2396 Datasheet HTML 17Page - Princeton Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
Tel: 886-2-66296288
Fax: 886-2-29174598
URL: http://www.princeton.com.tw
PT2396 V1.4
- 13 -
December, 2005
Digital Echo/Surround Processor IC
PT2396
SURROUND APPLICATION CIRCUIT
1
13
2
14
+
100
µ
100P
100P
5V
2MHz
1M
0.1
µ
Microcomputer
OUT
IN
+
+
+
+5V DGND AGND
Notes:
1. Every Digital GND must be connected to the Analog GND at one Point.
2. For the DL4/IDs Pin (Pin No. 7), please refer below:
IDS Pin
ID1
ID2
ID3
ID4
0
0
1
0
0
1
0
1
0
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com