Electronic Components Datasheet Search
  English  ▼

X  

PT2399 Datasheet(PDF) 2 Page - Princeton Technology Corp

Part # PT2399
Description  Echo Processor IC
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp

PT2399 Datasheet(HTML) 2 Page - Princeton Technology Corp

  PT2399 Datasheet HTML 1Page - Princeton Technology Corp PT2399 Datasheet HTML 2Page - Princeton Technology Corp PT2399 Datasheet HTML 3Page - Princeton Technology Corp PT2399 Datasheet HTML 4Page - Princeton Technology Corp PT2399 Datasheet HTML 5Page - Princeton Technology Corp PT2399 Datasheet HTML 6Page - Princeton Technology Corp PT2399 Datasheet HTML 7Page - Princeton Technology Corp PT2399 Datasheet HTML 8Page - Princeton Technology Corp PT2399 Datasheet HTML 9Page - Princeton Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
PT2399
V1.6
2
February 2010
APPLICATION CIRCUIT
ECHO
Note:
External Resistor having a value of 10 KΩ to 50 KΩ may be used. The recommended Resistor Value(R) is 10 KΩ. When the value of the Resistor (R)
increases, the range of the Delay Time also increases.
SURROUND/DELAY
Note: Please refer to Table 1 for the Resistor/Delay Time values.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com