Electronic Components Datasheet Search
  English  ▼

X  

PT2607 Datasheet(PDF) 13 Page - Princeton Technology Corp

Part # PT2607
Description  Remote Control Encoder IC
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp

PT2607 Datasheet(HTML) 13 Page - Princeton Technology Corp

Back Button PT2607 Datasheet HTML 9Page - Princeton Technology Corp PT2607 Datasheet HTML 10Page - Princeton Technology Corp PT2607 Datasheet HTML 11Page - Princeton Technology Corp PT2607 Datasheet HTML 12Page - Princeton Technology Corp PT2607 Datasheet HTML 13Page - Princeton Technology Corp PT2607 Datasheet HTML 14Page - Princeton Technology Corp PT2607 Datasheet HTML 15Page - Princeton Technology Corp PT2607 Datasheet HTML 16Page - Princeton Technology Corp PT2607 Datasheet HTML 17Page - Princeton Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
Tel: 886-2-66296288
Fax: 886-2-29174598
URL:http://www.princeton.com.tw
PT2607 V1.1
- 13 -
April, 2006
Remote Control Encoder IC
PT2607
PT2607B -1
VCC
Rosc
AD11
AD12
AD14
AD15
DOUT
TE
OSC2
OSC1
VSS
VDD
A9
A8
A7
A6
A3
A2
A1
A0
PT2607B
SW
Transmitter Circuit
PT2607B-2
Rosc
AD11
AD12
AD14
AD15
DOUT
TE
OSC2
OSC1
VSS
VDD
A9
A8
A7
A6
A3
A2
A1
A0
PT2607B
Transmitter Circuit
10K
x 4
Ω
2.7K
x 4
Ω
+
-
VCC
1N4148 x 4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com