Electronic Components Datasheet Search
  English  ▼

X  

PT6302 Datasheet(PDF) 13 Page - Princeton Technology Corp

Part # PT6302
Description  VFD Driver/Controller IC with Character RAM
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp

PT6302 Datasheet(HTML) 13 Page - Princeton Technology Corp

Back Button PT6302 Datasheet HTML 9Page - Princeton Technology Corp PT6302 Datasheet HTML 10Page - Princeton Technology Corp PT6302 Datasheet HTML 11Page - Princeton Technology Corp PT6302 Datasheet HTML 12Page - Princeton Technology Corp PT6302 Datasheet HTML 13Page - Princeton Technology Corp PT6302 Datasheet HTML 14Page - Princeton Technology Corp PT6302 Datasheet HTML 15Page - Princeton Technology Corp PT6302 Datasheet HTML 16Page - Princeton Technology Corp PT6302 Datasheet HTML 17Page - Princeton Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 27 page
background image
PT6302
V2.1
13
August 2010
Please refer to the table below for the GRID and ADRAM Address relationship.
HEX
X0
X1
X2
X3
GRID Position
0
0
0
0
0
GR1
1
1
0
0
0
GR2
2
0
1
0
0
GR3
3
1
1
0
0
GR4
4
0
0
1
0
GR5
5
1
0
1
0
GR6
6
0
1
1
0
GR7
7
1
1
1
0
GR8
8
0
0
0
1
GR9
9
1
0
0
1
GR10
A
0
1
0
1
GR11
B
1
1
0
1
GR12
C
0
0
1
1
GR13
D
1
0
1
1
GR14
E
0
1
1
1
GR15
F
1
1
1
1
GR16
GENERAL OUTPUT PORT SET COMMAND
The General Output Port Set Command is used to specify the general output port status. The general output port is used
to control other input/output devices as well as turn on the LED Display. When the general output port is set to "HIGH",
the output is equivalent to the VDD voltage. When the general output port is set to "LOW" Level, the output becomes
ground potential. The command format is given below.
LSB
MSB
1st Byte
B0
B1
B2
B3
B4
B5
B6
B7
A General Output Port is selected and the output
status is specified.
P1
P2
*
*
0
0
1
0
where:
1. P1, P2: General output port
2. *=Not relevant
The following table shows the data setting in relation to the Status of the General Output Port
P1
P2
General Output Port Display Status
0
0
P1 ="LOW", P2="LOW" (see note 1)
1
0
P1="HIGH", P2="LOW"
0
1
P1="LOW", P2="HIGH"
1
1
P1="HIGH", P2="HIGH"
Note: The state when the power is applied or when the RSTB is inputted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com