Electronic Components Datasheet Search
  English  ▼

X  

PT6355 Datasheet(PDF) 13 Page - Princeton Technology Corp

Part # PT6355
Description  VFD Driver/Controller IC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp

PT6355 Datasheet(HTML) 13 Page - Princeton Technology Corp

Back Button PT6355 Datasheet HTML 9Page - Princeton Technology Corp PT6355 Datasheet HTML 10Page - Princeton Technology Corp PT6355 Datasheet HTML 11Page - Princeton Technology Corp PT6355 Datasheet HTML 12Page - Princeton Technology Corp PT6355 Datasheet HTML 13Page - Princeton Technology Corp PT6355 Datasheet HTML 14Page - Princeton Technology Corp PT6355 Datasheet HTML 15Page - Princeton Technology Corp PT6355 Datasheet HTML 16Page - Princeton Technology Corp PT6355 Datasheet HTML 17Page - Princeton Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
PT6355
V1.6
13
RESET FUNCTION
To enable the Reset Function of PT6355, the /RESET Pin must be set at “L” Level for 2 µs or more. After which the
/RESET Pin reverts back to “H” Level and then the reset is released. The /RESET Pin returned to an “H” Level when the
OSC1 oscillation is stable and the voltage of the power source is between 4.0 V and 5.5 V. It is very important to note
that the Reset Input Voltage is less than 0.2VCC when the VCC is 4 V. The figure below is an example of a RESET Circuit.
OSCILLATION CIRCUIT
An oscillation circuit is constructed by connecting a capacitor between Oscillation pins -- OSC1 and OSC2 and VSS. The
Oscillation Pins -- OSC1 and OSC2 must be as “SHORT” as possible. If you are supplying a clock externally, apply the
clock signal to OSC1 and make OSC2 Pin floating or open. Please refer to the diagram below.
SETTING UNUSED PINS
If a segment or grid pin will not be used, just leave it floating or open. The Analog Input Pin, however, must be connected
to VCC or VSS via a resistor if it is not used. Please refer to the table below.
Pin Type
Connection
Segment
Open
Grid
Open
Analog Input
Connect to VCC or VSS via a resistor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com