Electronic Components Datasheet Search
  English  ▼

X  

PT6397 Datasheet(PDF) 3 Page - Princeton Technology Corp

Part # PT6397
Description  32 Bits VFD Driver Controller with RTC IC
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp

PT6397 Datasheet(HTML) 3 Page - Princeton Technology Corp

  PT6397 Datasheet HTML 1Page - Princeton Technology Corp PT6397 Datasheet HTML 2Page - Princeton Technology Corp PT6397 Datasheet HTML 3Page - Princeton Technology Corp PT6397 Datasheet HTML 4Page - Princeton Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
PT6397
V1.0
3
February 2010
3. PIN DESCRIPTION
Pin Name
I/O
Description
Pin No.
VDD
-
Logic power supply
1
OSCI
I
Oscillator input(4.194304MHz crystal input)
2
OSCO
O
Oscillator output(4.194304MHz crystal output)
3
LGND
-
Logic ground
4
DIN/A2
(Schmitt Trigger)
I
This pin is data input pin when IF_sel is set to 4-wire serial interface. Data must be
ready at the rising edge of CLK (shift-in data must be started from LSB to MSB).
The I
2C device address A2 input pin when the IF_sel is set to I2C serial interface.
5
CLK/A1
(Schmitt Trigger)
I
Clock input pin when IF_sel is set to 4-wire serial interface.
Serial data is read at the rising edge and outputs data is valid at the falling edge.
The I
2C device address A1 input pin when the serial interface is set to I2C serial
interface.
6
STB/A0
(Schmitt Trigger)
I
When IF_sel is set to 4-wire serial interface, it is a low-active serial interface strobe pin.
The data input after STB actived is processed as a command. When STB is “HIGH”,
CLK is ignored. The I
2C device address A0 input pin when the serial interface is set to
I
2C serial interface.
7
DOUT
O
Data output pin(N-Channel, Open-Drain)
This pin is output of serial data at the falling edge of the shift clock(starting from the
LSB).
8
/INT
O
Alarm interrupt pin(N-Channel, Open-Drain)
When the setting of alarm date is matched with RTC date, /INT will be set to “0”.
9
64Hz
O
OSC’s frequency output=4.194304MHz / 2
16, Duty=50%
10
SCL
I
The clock pin of I
2C interface
11
SDA
I/O
The data pin of I
2C interface
12
Adj (See Note)
I
Clock adjust. Pulse width must be 3 clocks(OSC) at least.
13
IF_sel
I
Serial interface mode setting, pull -high with resistor
IF_sel: “0” → I
2C serial interface
“1” → 4-wire serial interface
14
SG32/GR1 to
SG17/GR16
O
High voltage segment/grid output pins
15 to 30
VH
-
High voltage driver supply pin
31
SG16/GR17 to
SG9/GR24
O
High voltage segment/grid output pins
32 to 39
SG8 to SG1
O
High voltage segment output pins
40 to 47
PGND
-
High voltage driver GND pin
48
Test
I
“1”: test mode; “0”: normal mode
49
GPIO1 to GPIO3
I/O
General purpose I/O pin, default is set as input port
50 to 52
Note:
The “Adj” pin is used to adjust the RTC, and the adjust is effective by pulse trigger, the following operations are performed by sending a pulse to “Adj”
pin.
For minute digits, ranging from “00” ~ “29” Minute digits of RTC counters which is smaller than 30 are reset to 00. For minute digits, ranging from “30”
~ “59”. Minute digits of RTC counters which is equal to or larger than 30 are reset to 00 and the hour digits are incremented by 1.
Ex.
(X-1) hours, 30 minutes, 0 second
X hours, 0 minute, 0 second X hours, 0 minute, 0 second
X hours, 29 minutes, 59 seconds
X hours, 30 minutes, 0 second
X hours, 59 minutes, 59 seconds (X+1) hours, 0 minute, 0 second
(X+1) hours, 29 minutes, 29 seconds
The “year”, “month” and “day” will be updated when (X) is the last hours.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com