Electronic Components Datasheet Search
  English  ▼

X  

PT6398 Datasheet(PDF) 2 Page - Princeton Technology Corp

Part # PT6398
Description  Automotive Digital Clock
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp

PT6398 Datasheet(HTML) 2 Page - Princeton Technology Corp

  PT6398 Datasheet HTML 1Page - Princeton Technology Corp PT6398 Datasheet HTML 2Page - Princeton Technology Corp PT6398 Datasheet HTML 3Page - Princeton Technology Corp PT6398 Datasheet HTML 4Page - Princeton Technology Corp PT6398 Datasheet HTML 5Page - Princeton Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Tel: 886-2-66296288
Fax:886-2-29174598
URL:http://www.princeton.com.tw
PT6398 V1.0
- 2 -
March, 2008
Automotive Digital Clock
PT6398
PIN CONFIGURATION
PT6398
11
10
9
8
7
6
5
4
3
2
1
3D
3C
2G
2E
2C
1G
1E
1D
1C
23
24
25
26
27
28
29
30
31
32
33
XIN
3F
3A
COL
2F
2A,2D
1F
1A
1B
3E
PT6398
11
10
9
8
7
6
5
4
3
2
1
--/2G
3D/1D
3E/1E
3C/1C
3G/1G
3F/1F
3B/1B
3A/1A
23
24
25
26
27
28
29
30
31
32
33
XIN
NC
NC
NC
NC
NC
NC
NC
NC
COL/2C
Dynamic
Static



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com