Electronic Components Datasheet Search
  English  ▼

X  

PT6520 Datasheet(PDF) 17 Page - Princeton Technology Corp

Part # PT6520
Description  LCD Driver IC
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp

PT6520 Datasheet(HTML) 17 Page - Princeton Technology Corp

Back Button PT6520 Datasheet HTML 13Page - Princeton Technology Corp PT6520 Datasheet HTML 14Page - Princeton Technology Corp PT6520 Datasheet HTML 15Page - Princeton Technology Corp PT6520 Datasheet HTML 16Page - Princeton Technology Corp PT6520 Datasheet HTML 17Page - Princeton Technology Corp PT6520 Datasheet HTML 18Page - Princeton Technology Corp PT6520 Datasheet HTML 19Page - Princeton Technology Corp PT6520 Datasheet HTML 20Page - Princeton Technology Corp PT6520 Datasheet HTML 21Page - Princeton Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 17 / 21 page
background image
PT6520
V1.9
17
July 2010
READ/WRITE TIMING FOR THE 68-PORT MPU
(Ta=25℃, VDD=0V, VSS=-5V)
Parameter
Signal
Symbol
Condition
Min.
Typ.
Max
Unit
System cycle time
A0, CS, R/W
tCYC6
VSS=-5V
1000
-
-
ns
VSS=-3V
2000
-
-
ns
Address set-up time
tAW6
VSS=-5V
20
-
-
ns
VSS=-3V
40
-
-
ns
Address hold time
tAH6
VSS=-5V
10
-
-
ns
VSS=-3V
30
-
-
ns
Control pulse width
D0~D7
tDS6
VSS=-5V
80
-
-
ns
VSS=-3V
160
-
-
ns
Data set-up time
tDH6
VSS=-5V
10
-
-
ns
VSS=-3V
20
-
-
ns
Data hold time
tOH6
CL=100pF VSS=-5V
10
-
60
ns
CL=100pF
VSS=-3V
20
-
120
ns
RD access time
tACC6
CL=100pF VSS=-5V
-
-
200
ns
CL=100pF
VSS=-3V
-
-
400
ns
Enable disable time
READ
E
tew
VSS=-5V
250
-
-
ns
VSS=-3V
400
-
-
ns
WRITE
VSS=-5V
150
-
-
ns
VSS=-3V
250
-
-
ns
Note: tCYC6 indicates the cycle during which CS/E are high; it does not indicate are cycle of the E signal.
CONTROL TIMING FOR 80-PORT/68-PORT MPU
(Ta=25℃, VDD=0V, VSS=-5V)
Parameter
Signal
Symbol
Condition
Min.
Typ.
Max
Unit
Reset time
RES
tR
VSS=-5V
1
-
750
μs
VSS=-3V
1.5
-
1000
μs
Reset time
(68-Port)
RES
tR1
VSS=-5V
1
-
-
μs
VSS=-3V
1.5
-
-
μs
Reset time
(80-Port)
RES
tR2
VSS=-5V
1
-
-
μs
VSS=-3V
1.5
-
-
μs
Notes:
1. The input timing of the FR delay time is determined by the PT6520 (Slave)
2. The output timing of the FR delay time is determined by the PT6520 (Master)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com