Electronic Components Datasheet Search
  English  ▼

X  

PT6526 Datasheet(PDF) 11 Page - Princeton Technology Corp

Part # PT6526
Description  LCD Driver IC
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp

PT6526 Datasheet(HTML) 11 Page - Princeton Technology Corp

Back Button PT6526 Datasheet HTML 7Page - Princeton Technology Corp PT6526 Datasheet HTML 8Page - Princeton Technology Corp PT6526 Datasheet HTML 9Page - Princeton Technology Corp PT6526 Datasheet HTML 10Page - Princeton Technology Corp PT6526 Datasheet HTML 11Page - Princeton Technology Corp PT6526 Datasheet HTML 12Page - Princeton Technology Corp PT6526 Datasheet HTML 13Page - Princeton Technology Corp PT6526 Datasheet HTML 14Page - Princeton Technology Corp PT6526 Datasheet HTML 15Page - Princeton Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
PT6526
V1.1
11
November 2009
DISPLAY CONTROL AND THE /INH PIN
When power is initialized, the internal data of PT6526 (that is, display data – D1 to D204 and the control data) are not
defined. Irrelevant displays caused by the undefined internal data can be prevented by using the following procedures.
The /INH pin must be set to “LOW” at the same time as the power is applied to turn OFF the display. Doing this will set
the output pins – SG1/P1 to SG12/P12, SG13 to SG51 and COM1 to COM4 to “LOW” level. While the /INH pin is held at
“LOW” level, the microcontroller must send the serial data. Then the application can set the /INH pin to “HIGH”. Please
refer to the figure below.
Notes:
1. t1 = determined by the value of C and R.
2. tc = 10us (minimum)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com