Electronic Components Datasheet Search
  English  ▼

X  

PT6908 Datasheet(PDF) 3 Page - Princeton Technology Corp

Part # PT6908
Description  High Power LED Driver
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp

PT6908 Datasheet(HTML) 3 Page - Princeton Technology Corp

  PT6908 Datasheet HTML 1Page - Princeton Technology Corp PT6908 Datasheet HTML 2Page - Princeton Technology Corp PT6908 Datasheet HTML 3Page - Princeton Technology Corp PT6908 Datasheet HTML 4Page - Princeton Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
PT6908
V1.3
3
February 2010
ORDER INFORMATION
Valid Part Number
Package Type
Top Code
PT6908-S (L)
16 Pins, SOP, 150mil
PT6908-S
PIN CONFIGURATION
16 PINS, SOP
PIN DESCRIPTION
Pin Name
Description
Pin No.
VIN
Input voltage 9V~36V DC.
1
VDD
Internal regulated voltage.
2
GATE
Drives the gate of external N-channel MOSFET.
3
GND
Ground.
4
CS
Senses the external MOSFET current.
5
SC
Slope compensation for current sense.
6
RT
Oscillator frequency control.
7
SYNC
Synchronization control.
8
CLIM
Input current limit & Soft start.
9
REF
Reference voltage.
10
FAULT
Drives the gate of external N-channel MOSFET. It will be locked at low level when IC
works in error condition.
11
OVP
Over voltage protection.
12
PWMD
Low frequency PWM dimming pin, also enable pin.
13
COMP
Output of OTA, stable closed loop control.
14
IREF
Sets the LED string current level.
15
FB
LED string current feedback & output short circuit protection.
16



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com