Electronic Components Datasheet Search
  English  ▼

X  

PT6958 Datasheet(PDF) 13 Page - Princeton Technology Corp

Part # PT6958
Description  LED Driver IC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp

PT6958 Datasheet(HTML) 13 Page - Princeton Technology Corp

Back Button PT6958 Datasheet HTML 8Page - Princeton Technology Corp PT6958 Datasheet HTML 9Page - Princeton Technology Corp PT6958 Datasheet HTML 10Page - Princeton Technology Corp PT6958 Datasheet HTML 11Page - Princeton Technology Corp PT6958 Datasheet HTML 12Page - Princeton Technology Corp PT6958 Datasheet HTML 13Page - Princeton Technology Corp PT6958 Datasheet HTML 14Page - Princeton Technology Corp PT6958 Datasheet HTML 15Page - Princeton Technology Corp PT6958 Datasheet HTML 16Page - Princeton Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
PT6958
V2.3
13
ABSOLUTE MAXIMUM RATINGS
(Unless otherwise stated, Ta = 25℃, GND = 0 V)
Parameter
Symbol
Ratings
Unit
Supply Voltage
VDD
-0.3 to +7
V
Logic Input Voltage
VI
-0.3 to VDD+0.3
V
IOLGR
+250
mA
Driver Output Current
IOHSG
-50
mA
Operating Temperature
Topr
-40 ~ +85
℃
Storage Temperature
Tstg
-65 ~ +150
℃
RECOMMENDED OPERATING RANGE
(Unless otherwise stated, Ta = -20 ~ +70℃, GND = 0 V)
Parameter
Symbol
Condition
Min.
Typ.
Max.
Unit
Logic Supply Voltage
VDD
VDD
3.3
5
5.5
V
Dynamic Current (See note)
IDDdyn
VDD
-
-
5
mA
VDD=5V
0.75VDD
-
VDD
High-Level Input Voltage
VIH
VDD=3.3V
0.75VDD
-
VDD
V
VDD=5V
0
-
0.3VDD
Low-Level Input Voltage
VIL
VDD=3.3V
0
-
0.2VDD
V
Note: Test Condition: Set Display Control Commands = 80H (Display Turn OFF State)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com