Electronic Components Datasheet Search
  English  ▼

X  

PT6961 Datasheet(PDF) 11 Page - Princeton Technology Corp

Part # PT6961
Description  LED Driver IC
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp

PT6961 Datasheet(HTML) 11 Page - Princeton Technology Corp

Back Button PT6961 Datasheet HTML 7Page - Princeton Technology Corp PT6961 Datasheet HTML 8Page - Princeton Technology Corp PT6961 Datasheet HTML 9Page - Princeton Technology Corp PT6961 Datasheet HTML 10Page - Princeton Technology Corp PT6961 Datasheet HTML 11Page - Princeton Technology Corp PT6961 Datasheet HTML 12Page - Princeton Technology Corp PT6961 Datasheet HTML 13Page - Princeton Technology Corp PT6961 Datasheet HTML 14Page - Princeton Technology Corp PT6961 Datasheet HTML 15Page - Princeton Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
PT6961
V1.6
11
May 2010
SWITCHING CHARACTERISTIC WAVEFORM
PT6961 Switching Characteristics Waveform is given below.
where:
PWCLK (Clock Pulse Width) ≥ 400ns
PWSTB (Strobe Pulse Width) ≥ 1µs
tsetup (Data Setup Time) ≥100ns
thold (Data Hold Time) ≥ 100ns
tCLK-STB (Clock – Strobe Time) ≥ 1µs
tTHZ (Fall Time) ≤ 10µs
tTZH (Rise Time) ≤ 1 µs
tPZL (Propagation Delay Time) ≤ 100ns
fosc = Oscillation Frequency
tPLZ (Propagation Delay Time) ≤ 300ns
tTZL ≤ 1µs
tTLZ ≤ 10 µs
Note:
Test Condition Under
tTHZ (Pull low resistor) = 10KΩ, Loading capacitor = 300pF
tTLZ (Pull high resistor) = 10KΩ, Loading capacitor = 300pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com