Electronic Components Datasheet Search
  English  ▼

X  

HER501 Datasheet(PDF) 1 Page - Shenzhen Ping Sheng Electronics Co., Ltd.

Part # HER501
Description  HIGH EFFICIENCY RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PFS [Shenzhen Ping Sheng Electronics Co., Ltd.]
Direct Link  http://ps-pfs.en.alibaba.com/
Logo PFS - Shenzhen Ping Sheng Electronics Co., Ltd.

HER501 Datasheet(HTML) 1 Page - Shenzhen Ping Sheng Electronics Co., Ltd.

  HER501 Datasheet HTML 1Page - Shenzhen Ping Sheng Electronics Co., Ltd. HER501 Datasheet HTML 2Page - Shenzhen Ping Sheng Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
8
HIGH EFFICIENCY RECTIFIER
VOLTAGE RANGE
50 to 800 Volts
HER501 THRU HER50
CURRENT
5.0Ampere
Web Site:
FEATURES
•
Low coat construction
•
Fast switching for high efficency.
•
Low reverse leakage
•
High forward surge current capability
•
High temperature soldering guaranteed:
260℃/10 secods/.375”(9.5mm)lead length at 5 lbs(2.3kg) tension
MECHANICAL DATA
•
Case: Transfer molded plastic
•
Epoxy: UL94V-O rate flame retardant
•
Polarity: Color band denotes cathode end
•
Lead: Plated axial lead, solderable per MIL-STD-202E method 208C
•
Mounting position: Any
•
Weight: 0.042ounce, 1.19 grams
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
•
Ratings at 25
OC ambient temperature unless otherwise specified
•
Single Phase, half wave, 60Hz, resistive or inductive load
•
For capacitive load derate current by 20%
SYMBOLS
HER
501
HER
502
HER
503
HER
504
HER
505
HER
506
HER
507
UNITS
Maximum Repetitive Peak Reverse Voltage
VRRM
50
100
200
300
400
600
800
Volts
Maximum RMS Voltage
VRMS
35
70
140
210
280
420
560
Volts
Maximum DC Blocking Voltage
VDC
50
100
200
300
400
600
800
Volts
Maximum Average Forward Rectified Current
0.375”(9.5mm) lead length at TA= 50℃
I(AV)
5.0
Amp
Peak Forward Surge Current
8.3mS single half sine wave superimposed on
rated load (JEDEC method)
IFSM
200
150
Amps
Maximum Instantaneous Forward Voltage @ 3.0A
VF
1.0
1.3
1.5
1.7
Volts
TA = 25℃
10
Maximum DC Reverse Current at Rated
DC Blocking Voltage
TA = 125℃
IR
500
µA
Maximum Full Load Recovery Current,full cycle
average 0.375”(9.5mm)lead length at TL=55℃
IR(AV)
150
µA
Maximum Reverse Recovery Time(NOTE 1)
trr
70
100
ns
Typical Thermal Resistance (NOTE 2)
CJ
70
50
PF
Typical Thermal Resistance(NOTE 3)
RθJA
20
℃
/W
Operating Junction Temperature Range
TJ ,TSTG
(-55 to +150)
℃
Notes:
1 Test Condition:IF=0.5A,IR=1.0A,IRR=0.25A
2. Measured at 1.0 MHz and applied reverse of 4.0 V
3 Thermal resistance from junction to ambient with .375”(9.5mm)lead length, P.C.B. mounted. .
DO-27
DIA.
.052(1.3)
.048(1.2)
DIA.
.220(5.6)
.197(5.0)
.375(9.5)
.335(8.5)
1.0(25.4)
MIN.
1.0(25.4)
MIN.
Dimensions in inches and (millimeters)
WWW.PS-PFS.COM


Similar Part No. - HER501

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
HER501 MOSPEC-HER501 Datasheet
125Kb / 2P
HIGH EFFICIENCY RECTIFIERS(5.0A,50-400V)
logo
Rectron Semiconductor
HER501 RECTRON-HER501 Datasheet
30Kb / 2P
HIGH EFFICIENCY RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 5.0 Ampere)
logo
Jinan Gude Electronic D...
HER501 JGD-HER501 Datasheet
169Kb / 2P
5.0 AMPS.HIGH EFFICIENCY RECTIFIERS
logo
Bytes
HER501 BYTES-HER501 Datasheet
154Kb / 2P
5.0 AMP HIGH EFFICIENCY RECTIFIERS
logo
Dc Components
HER501 DCCOM-HER501 Datasheet
450Kb / 2P
TECHNICAL SPECIFICATIONS OF HIGH EFFICIENCY RECTIFIER
More results

Similar Description - HER501

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
HER1001 GOOD-ARK-HER1001 Datasheet
145Kb / 2P
HIGH EFFICIENCY RECTIFIER
HER101 GOOD-ARK-HER101 Datasheet
61Kb / 2P
HIGH EFFICIENCY RECTIFIER
HER301 GOOD-ARK-HER301 Datasheet
64Kb / 2P
HIGH EFFICIENCY RECTIFIER
logo
Galaxy Semi-Conductor H...
RP1H BILIN-RP1H Datasheet
57Kb / 2P
HIGH EFFICIENCY RECTIFIER
logo
Chenmko Enterprise Co. ...
MUR105PT CHENMKO-MUR105PT Datasheet
118Kb / 2P
HIGH EFFICIENCY RECTIFIER
logo
Shenzhen Luguang Electr...
ERA38-04 LUGUANG-ERA38-04 Datasheet
202Kb / 2P
High Efficiency Rectifier
logo
List of Unclassifed Man...
HER201 ETC2-HER201 Datasheet
119Kb / 2P
HIGH EFFICIENCY RECTIFIER
logo
SHENZHEN YONGERJIA INDU...
HER601-607 WINNERJOIN-HER601-607 Datasheet
99Kb / 2P
HIGH EFFICIENCY RECTIFIER
logo
Jinan Jing Heng Electro...
HER201 JINGHENG-HER201 Datasheet
62Kb / 2P
HIGH EFFICIENCY RECTIFIER
HER601G JINGHENG-HER601G Datasheet
66Kb / 2P
HIGH EFFICIENCY RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com