Electronic Components Datasheet Search
  English  ▼

X  

ZMM5259B Datasheet(PDF) 1 Page - Shenzhen Ping Sheng Electronics Co., Ltd.

Part # ZMM5259B
Description  500mW SURFACE MOUNT ZENER DIODE
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PFS [Shenzhen Ping Sheng Electronics Co., Ltd.]
Direct Link  http://ps-pfs.en.alibaba.com/
Logo PFS - Shenzhen Ping Sheng Electronics Co., Ltd.

ZMM5259B Datasheet(HTML) 1 Page - Shenzhen Ping Sheng Electronics Co., Ltd.

  ZMM5259B Datasheet HTML 1Page - Shenzhen Ping Sheng Electronics Co., Ltd. ZMM5259B Datasheet HTML 2Page - Shenzhen Ping Sheng Electronics Co., Ltd. ZMM5259B Datasheet HTML 3Page - Shenzhen Ping Sheng Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1 of 3
ZMM5221B-ZMM5267B
ZMM5221B - ZMM5267B
500mW SURFACE MOUNT ZENER DIODE
Features
Maximum Ratings and Electrical Characteristics @ TA = 25°C unless otherwise specified
Characteristic
Symbol
Value
Unit
Power Dissipation
(Note 1)
Pd
500
mW
Thermal Resistance, Junction to Ambient Air
(Note 1)
RqJA
300
°C /W
Forward Voltage
@ IF = 200mA
VF
1.5
V
Operating and Storage Temperature Range
Tj, TSTG
-65 to +175
oC
·
Case: MiniMELF
·
Terminals: Solderable per MIL-STD-202,
Method 208
·
Polarity: Cathode Band
·
Marking: Cathode Band Only
·
Weight: 0.034 grams (approx.)
·
500mW Power Dissipation
·
Outline Similar to JEDEC DO-213AA
·
Hemetic Glass Package
Mechanical Data
A
C
B
MiniMELF
Dim
Min
Max
A
3.30
3.70
B
1.30
1.60
C
0.28
0.50
All Dimensions in mm
Notes:
1. Valid provided that electrodes are kept at ambient temperature.
2. Tested with pulses, Tp
£ 100ms.


Similar Part No. - ZMM5259B

ManufacturerPart #DatasheetDescription
logo
Jinan Gude Electronic D...
ZMM5259B JGD-ZMM5259B Datasheet
198Kb / 2P
SURFACE MOUNT ZENER DIODES/MINI MELF
logo
Diodes Incorporated
ZMM5259B DIODES-ZMM5259B Datasheet
80Kb / 3P
500mW SURFACE MOUNT ZENER DIODE
DS30024 Rev. C-2
logo
Weitron Technology
ZMM5259B WEITRON-ZMM5259B Datasheet
575Kb / 4P
Surface Mount Zener Diodes
logo
Pan Jit International I...
ZMM5259B PANJIT-ZMM5259B Datasheet
61Kb / 3P
SURFACE MOUNT ZENER DIODES
logo
TAITRON Components Inco...
ZMM5259B TAITRON-ZMM5259B Datasheet
204Kb / 5P
500mW Surface Mount Zener Diodes
More results

Similar Description - ZMM5259B

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
MMSZ5221B DIODES-MMSZ5221B Datasheet
61Kb / 3P
500mW SURFACE MOUNT ZENER DIODE
DS18010 Rev. 7 - 2
MMSZ5221B DIODES-MMSZ5221B_1 Datasheet
99Kb / 4P
500mW SURFACE MOUNT ZENER DIODE
DS18010 Rev. 18 - 2
logo
Won-Top Electronics
MMSZ5221B WTE-MMSZ5221B Datasheet
75Kb / 4P
500mW SURFACE MOUNT ZENER DIODE
logo
Diodes Incorporated
MMSZ5221B DIODES-MMSZ5221B_09 Datasheet
92Kb / 5P
500mW SURFACE MOUNT ZENER DIODE
DS18010 Rev. 23 - 2
MMSZ5263B DIODES-MMSZ5263B Datasheet
86Kb / 3P
500mW SURFACE MOUNT ZENER DIODE
DS31652 Rev. 4 - 2
ZMM5245B-7 DIODES-ZMM5245B-7 Datasheet
82Kb / 5P
500mW SURFACE MOUNT ZENER DIODE
Rev 13.2.2003
MMSZ5221B DIODES-MMSZ5221B_15 Datasheet
106Kb / 5P
500mW SURFACE MOUNT ZENER DIODE
Rev 27
logo
Won-Top Electronics
BZT52C12 WTE-BZT52C12 Datasheet
49Kb / 5P
500mW SURFACE MOUNT ZENER DIODE
MMSZ4682 WTE-MMSZ4682 Datasheet
49Kb / 5P
500mW SURFACE MOUNT ZENER DIODE
MMSZ4706 WTE-MMSZ4706 Datasheet
49Kb / 5P
500mW SURFACE MOUNT ZENER DIODE
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com