Electronic Components Datasheet Search
  English  ▼

X  

PT9250 Datasheet(PDF) 2 Page - Princeton Technology Corp

Part # PT9250
Description  48-channel Single Chip GPS Receiver
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp

PT9250 Datasheet(HTML) 2 Page - Princeton Technology Corp

  PT9250 Datasheet HTML 1Page - Princeton Technology Corp PT9250 Datasheet HTML 2Page - Princeton Technology Corp PT9250 Datasheet HTML 3Page - Princeton Technology Corp PT9250 Datasheet HTML 4Page - Princeton Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
PT9250
V1.3
2
September, 2009
APPLICATION CIRCUITS
3V3
U6
32K768
R5
10M
C24 10pF
C25 10pF
DVDD
VDD
4
IN
1
OUT
3
GND
2
U5
TCXO
C8
100pF
DVDD
C10 1uF
C11 56pF
C12 390pF R3 22K
DVDD
C23 1nF
L4
1.5uH
L5
1.5uH
C22
36pF
C21
36pF
C20 1uF
AVDD
C18
1.5pF
L2
6.8nH
L3
4.7nH
C19 1nF
C1
1uF
3V3
C3
1uF
1V2
C6
1uF
C7
1uF
R2 150R
AVDD
DVDD
1V2
VSS_IO
F4
MODE0
L2
MODE1
L3
ICE_CLK
K2
ICE_TMS
K3
ICE_TDO
K4
ICE_TDI
K5
ICE_RST
K6
PLLTKO
H1
AVDD_PLL
J1
AVSS_PLL
J2
VDD_K
D4
VSS_K
F5
AFE_CLK
K7
AFE_MAG
K8
AFE_SGN
K9
VSS_IO
H5
GPIO15
J7
SYS_RST_n
H6
VDD_IO
F6
CFG3
J8
GPIO12
K10
GPIO13
L10
GPIO14
M10
E_A0
G9
E_CS_n
G8
VSS_IO
J4
VSS_F
D9
E_OE_n
H10
E_D0
F8
E_D8
F9
E_D1
G10
E_D9
E8
E_D2
G6
E_D10
E9
E_D3
F10
E_D11
E7
VDD_F
E10
VDD_IO
H7
VDD_K
E4
VSS_K
J6
E_D4
D10
E_D12
D8
E_D5
C9
E_D13
C10
E_D6
C8
E_D14
B8
E_D7
B9
E_D15
B10
VSS_IO
J5
VSS_F
F7
E_BYTE
A9
E_A16
A10
VDD_IO
E5
GPIO0
C7
GPIO1
B7
GPIO2
A8
GPIO3
D6
GPIO4
A7
GPIO5
C6
GPIO6
B6
GPIO7
D7
VDD_IO
E6
VSS_IO
D5
VSS_K
J9
GPIO8
C5
VDD_K
H8
GPIO9
B5
GPIO10
C4
GPIO11
B4
RTC_VDD
A3
RTC_XI
A4
RTC_XO
A5
RTC_VSS
A6
REG_VSS
B2
REG_EN
A2
REG_VDD
B1
REG_1V2
C1
VDEC
C2
E_A15
A1
E_A14
B3
E_A13
C3
E_A12
D1
E_A11
D2
E_A10
D3
VDD_IO
G7
VSS_IO
J3
E_A9
E1
E_A8
E2
VSS_K
J10
VDD_K
H9
E_WR_n
E3
E_RP
F1
E_RYBY
F2
E_A17
G1
E_A7
G4
E_A6
F3
E_A5
G2
E_A4
G3
E_A3
H4
E_A2
H3
E_A1
H2
VDD_IO
G5
SGN
L9
MAG
L8
AOK
M7
CP
L7
DVSS
L5
RF_GND
L6
DVDD
M6
RF_GND
M4
RFXEN
L4
RF_GND
M5
RFXO
K1
RFXI
L1
VB
M3
RFPLL
M2
AON
M1
RF_GND
N4
LNI
P2
RF_GND
N5
ISNS
N2
PVDD
N1
LNO
P4
AVDD
P3
RF_GND
N6
RFIN
P5
VBG
P6
IF1P
P7
IF1N
P8
RF_GND
N3
IF2P
P9
IF2N
N10
RF_MODE
N7
AGCCAP
M8
P1
N9
P0
M9
NC
P1
NC
P10
NC
N8
U1
PT9250
RXA
TXA
P1PPS
RESET
3V3
3V3
VRTC
3V3
RESET
XI
XO
RFXO
VB
RFPLL
LNO
RFIN
VBG
IF1P
IF1N
IF2P
IF2N
AGCCAP
3V3
R6
33K
C26
1uF
3V3
C27
10uF
SGN
MAG
CP
C10 56pF
C14 10nF
3V3
C9
1uF
R4
33R
PT9250 Application Circuit
ANT
RXA
TXA
P1PPS
ANT
R1 33R
C17
1.5pF
LED
C2
100nF
C4
100nF
VRTC
C5
100nF
VBAT
VIN
1
VOUT
2
VSS
3
U2
XC6215P122H
L1
4.7nH
C13 100nF
3V3
3V3
GND
LED
VBAT
VCC
4
IN
1
OUT
3
GND
2
U3
TA4020FT
C16
27pF
IN
1
OUT
4
U4
SAWTEK856561
C15 100pF
JTCK
JTMS
JTDO
JTDI
JRST
1V2
1V2
If there is no ICE application,
tie K2, K3, K5 andK6 to GND and let K4open
C24, C25 needtobe adjustedaccording to XTAL and layout
turning for 32.768KHz frequencyis required
Route this wirethiner
and make it have some
noisereduction
For match50 Ohmof antennainput impedance,
tryto adjust L1 and c10
RJ3
1K
RJ5
1K
RJ2
1K
RJ1
1K
RJ4
1K
RJ6 300R
3V3
RJ1,RJ2,RJ3,RJ4,RJ5,RJ6 are just for ICE application



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com