Electronic Components Datasheet Search
  English  ▼

X  

R4000 Datasheet(PDF) 2 Page - Shenzhen Ping Sheng Electronics Co., Ltd.

Part # R4000
Description  HIGH VOLTAGE SILICON RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PFS [Shenzhen Ping Sheng Electronics Co., Ltd.]
Direct Link  http://ps-pfs.en.alibaba.com/
Logo PFS - Shenzhen Ping Sheng Electronics Co., Ltd.

R4000 Datasheet(HTML) 2 Page - Shenzhen Ping Sheng Electronics Co., Ltd.

  R4000 Datasheet HTML 1Page - Shenzhen Ping Sheng Electronics Co., Ltd. R4000 Datasheet HTML 2Page - Shenzhen Ping Sheng Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATINGS AND CHARACTERISTIC CURVES R1200 THRU R5000
REVERSE VOLTAGE,(%)
PERCENT OF RATED PEAK
60
0
20
40
80
100
140
120
FIG.3-TYPICAL REVERSE
CHARACTERISTICS
AMBIENT TEMPERATURE, ( ° C)
75
T =25 ° C
1.0
0.1
0.01
j
0
10
25
50
125
100
150
175
DERTAING CURVE
FIG.1-TYPICAL FORWARD CURRENT
500
200
0
Single Phase Falf Wave 60 Hz
Resistive or Inductive
R
12
00
-
R
20
00
Lead Length
Load 0.375"(9.5mm)
R 2500
- R 5000
NUMBER OF CYCLES AT 60 Hz
1
0
2
6
4
8
20
10
40
100
60
FORWARD SURGE CURRENT
FIG.2-MAXIMUM NON-REPETITIVE PEAK
8.3ms Single Half Sine-Wave
(JEDEC Method)
=T j
30
20
10
1 Cycle
T
j max
Web Site: WWW.PS-PFS.COM



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com