Electronic Components Datasheet Search
  English  ▼

X  

BYV26A Datasheet(PDF) 3 Page - Shenzhen Ping Sheng Electronics Co., Ltd.

Part # BYV26A
Description  Very Fast Soft-Recovery Avalanche Rectifier
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PFS [Shenzhen Ping Sheng Electronics Co., Ltd.]
Direct Link  http://ps-pfs.en.alibaba.com/
Logo PFS - Shenzhen Ping Sheng Electronics Co., Ltd.

BYV26A Datasheet(HTML) 3 Page - Shenzhen Ping Sheng Electronics Co., Ltd.

  BYV26A Datasheet HTML 1Page - Shenzhen Ping Sheng Electronics Co., Ltd. BYV26A Datasheet HTML 2Page - Shenzhen Ping Sheng Electronics Co., Ltd. BYV26A Datasheet HTML 3Page - Shenzhen Ping Sheng Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
3 (3)
BYV26
0
40
80
120
160
0
0.2
0.4
0.6
0.8
1.2
Tamb – Ambient Temperature ( °C )
200
95 9730
1.0
RthJA=100K/W
RthJA=45K/W
PCB
L=10mm
Figure 3. Max. Average Forward Current vs.
Ambient Temperature
0
2
345
0.001
0.01
0.1
1
10
7
95 9731
VF – Forward Voltage ( V )
16
Tj =25°C
Tj = 175°C
Figure 4. Max. Forward Current vs. Forward Voltage
Dimensions in mm
Cathode Identification
∅ 3.6 max.
∅ 0.82 max.
4.2 max.
Sintered Glass Case
SOD 57
Weight max. 0.5 g
technical drawings
according to DIN
specifications
94 9538
26 min.
26 min.
Web Site: WWW.PS-PFS.COM



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com