Electronic Components Datasheet Search
  English  ▼

X  

152 Datasheet(PDF) 58 Page - Renesas Technology Corp

Part # 152
Description  RENESAS MCU
PDF  135 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

152 Datasheet(HTML) 58 Page - Renesas Technology Corp

Back Button 152 Datasheet HTML 54Page - Renesas Technology Corp 152 Datasheet HTML 55Page - Renesas Technology Corp 152 Datasheet HTML 56Page - Renesas Technology Corp 152 Datasheet HTML 57Page - Renesas Technology Corp 152 Datasheet HTML 58Page - Renesas Technology Corp 152 Datasheet HTML 59Page - Renesas Technology Corp 152 Datasheet HTML 60Page - Renesas Technology Corp 152 Datasheet HTML 61Page - Renesas Technology Corp 152 Datasheet HTML 62Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 135 page
background image
REJ03B0231-0110
Rev.1.10
Page 58 of 130
Sep 06, 2010
R32C/152 Group
4. Special Function Registers (SFRs)
Table 4.39
SFR List (39)
Address
Register
Symbol
Reset Value
047550h CAN2 Mailbox 21: Message Identifier
C2MB21
XXXX XXXXh
047551h
047552h
047553h
047554h
047555h CAN2 Mailbox 21: Data Length
XXh
047556h CAN2 Mailbox 21: Data Field
XXXX XXXX
XXXX XXXXh
047557h
047558h
047559h
04755Ah
04755Bh
04755Ch
04755Dh
04755Eh CAN2 Mailbox 21: Time Stamp
XXXXh
04755Fh
047560h CAN2 Mailbox 22: Identifier
C2MB22
XXXX XXXXh
047561h
047562h
047563h
047564h
047565h CAN2 Mailbox 22: Data Length
XXh
047566h CAN2 Mailbox 22: Data Field
XXXX XXXX
XXXX XXXXh
047567h
047568h
047569h
04756Ah
04756Bh
04756Ch
04756Dh
04756Eh CAN2 Mailbox 22: Time Stamp
XXXXh
04756Fh
047570h CAN2 Mailbox 23: Message Identifier
C2MB23
XXXX XXXXh
047571h
047572h
047573h
047574h
047575h CAN2 Mailbox 23: Data Length
XXh
047576h CAN2 Mailbox 23: Data Field
XXXX XXXX
XXXX XXXXh
047577h
047578h
047579h
04757Ah
04757Bh
04757Ch
04757Dh
04757Eh CAN2 Mailbox 23: Time Stamp
XXXXh
04757Fh
X: Undefined
Blanks are reserved. No access is allowed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com