Electronic Components Datasheet Search
  English  ▼

X  

152 Datasheet(PDF) 131 Page - Renesas Technology Corp

Part # 152
Description  RENESAS MCU
PDF  135 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

152 Datasheet(HTML) 131 Page - Renesas Technology Corp

Back Button 152 Datasheet HTML 127Page - Renesas Technology Corp 152 Datasheet HTML 128Page - Renesas Technology Corp 152 Datasheet HTML 129Page - Renesas Technology Corp 152 Datasheet HTML 130Page - Renesas Technology Corp 152 Datasheet HTML 131Page - Renesas Technology Corp 152 Datasheet HTML 132Page - Renesas Technology Corp 152 Datasheet HTML 133Page - Renesas Technology Corp 152 Datasheet HTML 134Page - Renesas Technology Corp 152 Datasheet HTML 135Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 131 / 135 page
background image
A- 1
Revision History
R32C/152 Group Datasheet
Rev.
Date
Description
Page
Summary
0.30
Feb 14, 2008
—
Initial release
1.02
Nov 30, 2009
—
Second edition released
Chapter 1. Overview
—
• Made minor text modifications to this chapter
1
• Added “(MCUs)” to line 1 of 1.1
3
• Changed the following expressions in Table 1.2: “erase/program” to
“program/erase”, “Read protection” to “Security protection”, “ID code
check” to “ID code protect”, and “on-board flash re-programming” to
“on-board flash programming”
5
• Deleted hyphen before ROM number in Figure 1.1
6
• Changed Figure 1.2
7
• Modified “
K13” to “K10” for pins 133 to 136 in Figure 1.3 to “Kl3” to
“
Kl0”
10
• Corrected a typo “LIN // CAN Module Pin” in Table 1.6 to “LIN / CAN
Module Pin”
12-14
• Changed descriptions “Functional Category” and “Function” in Tables
1.8 to 1.10
to “Function” and “Description”, respectively
Chapter 2. Central Processing Unit
—
• Made major text modifications to this chapter
15, 16
• Changed description “Interrupt table register” in Figure 2.1 and 2.1.6
to “Interrupt vector table base register”
Chapter 3. Memory
—
• Made major text modifications to this chapter
Chapter 4. Special Function Registers
20
• Changed hexadecimal format of reset values for registers CCR and
FMCR in Table 4.1 to binary
21-22
• Changed the following expressions “DMAi Interrupt” and “Start/Stop
Condition” in Tables 4.2 to 4.3 to “DMAi Transfer Complete Interrupt”
and “Start Condition/Stop Condition”, respectively
26
• Deleted “6” from register name for register G2FS in Table 4.7
29
• Changed binary format of reset values for U3RB and U4RB in Table
4.10
to hexadecimal
31
• Changed register symbols “G3TMi/G0POj” in Table 4.12 to “G3TMi/
G3POj”
32
• Changed expression of register name “Xi Register Yi Register” and
symbol “XiR, YiR” in Table 4.13 to “Xi Register/Yi Register” and “XiR/
YiR”, respectively
37
• Changed hexadecimal format of reset values for registers PDi in Table
4.18
to binary
39
• Modified reset value for register PLS in Table 4.20 to “1XXX XX00b”
41
• Modified reset value for register IFS7 in Table 4.22 to “XXXX XXX0b”
41-43
• Modified register name “Port Pi_j Port Function Select Register” in
Tables 4.22 to 4.24
to “Port Pi_j Function Select Register”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com