Electronic Components Datasheet Search
  English  ▼

X  

153 Datasheet(PDF) 64 Page - Renesas Technology Corp

Part # 153
Description  RENESAS MCU
PDF  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

153 Datasheet(HTML) 64 Page - Renesas Technology Corp

Back Button 153 Datasheet HTML 60Page - Renesas Technology Corp 153 Datasheet HTML 61Page - Renesas Technology Corp 153 Datasheet HTML 62Page - Renesas Technology Corp 153 Datasheet HTML 63Page - Renesas Technology Corp 153 Datasheet HTML 64Page - Renesas Technology Corp 153 Datasheet HTML 65Page - Renesas Technology Corp 153 Datasheet HTML 66Page - Renesas Technology Corp 153 Datasheet HTML 67Page - Renesas Technology Corp 153 Datasheet HTML 68Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 149 page
background image
REJ03B0232-0110
Rev.1.10
Page 64 of 144
Sep 06, 2010
R32C/153 Group
4. Special Function Registers (SFRs)
Table 4.45
SFR List (45)
Address
Register
Symbol
Reset Value
046F40h CAN3 Control Register
C3CTLR
0000 0101b
046F41h
0000 0000b
046F42h CAN3 Status Register
C3STR
0000 0101b
046F43h
0000 0000b
046F44h CAN3 Bit Configuration Register
C3BCR
00 0000h
046F45h
046F46h
046F47h CAN3 Clock Select Register
C3CLKR
000X 0000b
046F48h CAN3 Receive FIFO Control Register
C3RFCR
1000 0000b
046F49h CAN3 Receive FIFO Pointer Control Register
C3RFPCR
XXh
046F4Ah CAN3 Transmit FIFO Control Register
C3TFCR
1000 0000b
046F4Bh CAN3 Transmit FIFO Pointer Control Register
C3TFPCR
XXh
046F4Ch CAN3 Error Interrupt Enable Register
C3EIER
00h
046F4Dh CAN3 Error Interrupt Factor Judge Register
C3EIFR
00h
046F4Eh CAN3 Receive Error Count Register
C3RECR
00h
046F4Fh CAN3 Transmit Error Count Register
C3TECR
00h
046F50h CAN3 Error Code Store Register
C3ECSR
00h
046F51h CAN3 Channel Search Support Register
C3CSSR
XXh
046F52h CAN3 Mailbox Search Status Register
C3MSSR
1000 0000b
046F53h CAN3 Mailbox Search Mode Register
C3MSMR
XXXX XX00b
046F54h CAN3 Time Stamp Register
C3TSR
0000h
046F55h
046F56h CAN3 Acceptance Filter Support Register
C3AFSR
XXXXh
046F57h
046F58h CAN3 Test Control Register
C3TCR
00h
046F59h
046F5Ah
046F5Bh
046F5Ch
046F5Dh
046F5Eh
046F5Fh
046F60h to
0473FFh
X: Undefined
Blanks are reserved. No access is allowed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com