Electronic Components Datasheet Search
  English  ▼

X  

153 Datasheet(PDF) 122 Page - Renesas Technology Corp

Part # 153
Description  RENESAS MCU
PDF  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

153 Datasheet(HTML) 122 Page - Renesas Technology Corp

Back Button 153 Datasheet HTML 118Page - Renesas Technology Corp 153 Datasheet HTML 119Page - Renesas Technology Corp 153 Datasheet HTML 120Page - Renesas Technology Corp 153 Datasheet HTML 121Page - Renesas Technology Corp 153 Datasheet HTML 122Page - Renesas Technology Corp 153 Datasheet HTML 123Page - Renesas Technology Corp 153 Datasheet HTML 124Page - Renesas Technology Corp 153 Datasheet HTML 125Page - Renesas Technology Corp 153 Datasheet HTML 126Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 122 / 149 page
background image
REJ03B0232-0110
Rev.1.10
Page 122 of 144
Sep 06, 2010
R32C/153 Group
5. Electrical Characteristics
VCC =5V
Table 5.19
A/D Conversion Characteristics (VCC =AVCC =VREF =4.2 to 5.5V, VSS =AVSS =0 V,
Ta =Topr, and f(BCLK) = 32 MHz, unless otherwise noted)
Symbol
Characteristic
Measurement condition
Value
Unit
Min.
Typ. Max.
—
Resolution
VREF = VCC
10
Bits
—
Absolute error
VREF = VCC = 5 V
AN_0toAN_7,
AN0_0toAN0_7,
AN2_0toAN2_7,
AN15_0 to AN15_7,
ANEX0, ANEX1
±3
LSB
External op-amp
connection mode
±7
LSB
INL
Integral non-linearity
error
VREF = VCC = 5 V
AN_0toAN_7,
AN0_0toAN0_7,
AN2_0toAN2_7,
AN15_0 to AN15_7,
ANEX0, ANEX1
±3
LSB
External op-amp
connection mode
±7
LSB
DNL
Differential non-linearity
error
±1
LSB
—
Offset error
±3
LSB
—
Gain error
±3
LSB
RLADDER Resistor ladder
VREF = VCC
420
k
Ω
tCONV
Conversion time
(10 bits)
φAD = 16 MHz, with sample and hold
function
2.06
µs
φAD = 16 MHz, without sample and hold
function
3.69
µs
tCONV
Conversion time
(8 bits)
φAD = 16 MHz, with sample and hold
function
1.75
µs
φAD = 16 MHz, without sample and hold
function
3.06
µs
tSAMP
Sampling time
φAD = 16 MHz
0.188
µs
VIA
Analog input voltage
0
VREF
V
φAD
Operating clock
frequency
without sample and hold function
0.25
16
MHz
with sample and hold function
1
16
MHz
RPU(AST) Pull-up resistor for open-
circuit detection
510
15
k
Ω
RPD(AST) Pull-down resistor for
open-circuit detection
510
15
k
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com