Electronic Components Datasheet Search
  English  ▼

X  

153 Datasheet(PDF) 128 Page - Renesas Technology Corp

Part # 153
Description  RENESAS MCU
PDF  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

153 Datasheet(HTML) 128 Page - Renesas Technology Corp

Back Button 153 Datasheet HTML 124Page - Renesas Technology Corp 153 Datasheet HTML 125Page - Renesas Technology Corp 153 Datasheet HTML 126Page - Renesas Technology Corp 153 Datasheet HTML 127Page - Renesas Technology Corp 153 Datasheet HTML 128Page - Renesas Technology Corp 153 Datasheet HTML 129Page - Renesas Technology Corp 153 Datasheet HTML 130Page - Renesas Technology Corp 153 Datasheet HTML 131Page - Renesas Technology Corp 153 Datasheet HTML 132Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 128 / 149 page
background image
REJ03B0232-0110
Rev.1.10
Page 128 of 144
Sep 06, 2010
R32C/153 Group
5. Electrical Characteristics
VCC =5V
Timing Requirements (VCC = 4.2 to 5.5 V, VSS = 0 V, and Ta =Topr, unless otherwise noted)
Table 5.33
Serial Bus Interface
Symbol
Characteristic
Value
Unit
Min.
Max.
f(SSCK)
SSCKi frequency
4MHz
tc(SSCK)
SSCKi clock cycle time
250
ns
tw(SSCKH)
SSCKi input high level pulse width
0.35 × tc(SSCK) 0.6 × tc(SSCK)
ns
tw(SSCKL)
SSCKi input low level pulse width
0.35 × tc(SSCK) 0.6 × tc(SSCK)
ns
tr(SSCK)
SSCKi input rising time
1µs
tf(SSCK)
SSCKi input falling time
1µs
tsu(SCS-SSCK)
SCSi input setup time
tc(BCLK) + 50
ns
th(SSCK-SCS)
SCSi input hold time
tc(BCLK) + 50
ns
tsu(SSI-SSCK)
SSI input setup time
80
ns
th(SSCK-SSI)
SSI input hold time
10
ns
tsu(SSO-SSCK)
SSO input setup time
80
ns
th(SSCK-SSO)
SSO input hold time
20
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com