Electronic Components Datasheet Search
  English  ▼

X  

R5F64165HDFD Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # R5F64165HDFD
Description  RENESAS MCU
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F64165HDFD Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button R5F64165HDFD Datasheet HTML 17Page - Renesas Technology Corp R5F64165HDFD Datasheet HTML 18Page - Renesas Technology Corp R5F64165HDFD Datasheet HTML 19Page - Renesas Technology Corp R5F64165HDFD Datasheet HTML 20Page - Renesas Technology Corp R5F64165HDFD Datasheet HTML 21Page - Renesas Technology Corp R5F64165HDFD Datasheet HTML 22Page - Renesas Technology Corp R5F64165HDFD Datasheet HTML 23Page - Renesas Technology Corp R5F64165HDFD Datasheet HTML 24Page - Renesas Technology Corp R5F64165HDFD Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 50 page
background image
REJ03B0253-0110
Rev.1.10
Page 21 of 95
Jun 23, 2010
R32C/116 Group
1. Overview
Notes:
1.
Port P9_1 in the 100-pin package is an input-only port.
2.
Ports P9_0, P9_2, and P11 to P15 are available in the 144-pin package only.
Table 1.16
Pin Definitions and Functions (3/4)
Function
Symbol
I/O
Description
I/O port (1, 2)
P0_0 to P0_7,
P1_0 to P1_7,
P2_0 to P2_7,
P3_0 to P3_7,
P4_0 to P4_7,
P5_0 to P5_7,
P6_0 to P6_7,
P7_0 to P7_7,
P8_0 to P8_4,
P8_6, P8_7,
P9_0 to P9_7,
P10_0 to P10_7,
P11_0 to P11_4,
P12_0 to P12_7,
P13_0 to P13_7,
P14_3 to P14_6,
P15_0 to P15_7
I/O
I/O ports in CMOS. Each port can be programmed to input
or output under the control of the direction register.
Some ports are 5 V tolerant inputs.
Pull-up resistors and N-channel open drain setting can be
enabled on some ports. Refer to Table 1.18 “Pin
Specifications” for details
Input port (2)
P9_1 (for 100-pin
package)
P14_1 (for 144-
pin package)
I
Input port in CMOS
Pull-up resistor is selectable.
Refer to Table 1.18 “Pin Specifications” for details
Timer A
TA0OUT to
TA4OUT
I/O
Timers A0 to A4 input/output
TA0IN to TA4IN
I
Timers A0 to A4 input
Timer B
TB0IN to TB5IN
I
Timers B0 to B5 input
Three-phase
motor control
timer output
U,
U,V,V,W,W
O
Three-phase motor control timer output
Serial interface
CTS0 to CTS8
I
Handshake input
RTS0 to RTS8
O
Handshake output
CLK0 to CLK8
I/O
Transmit/receive clock input/output
RXD0 to RXD8
I
Serial data input
TXD0 to TXD8
O
Serial data output
I2C bus
(simplified)
SDA0 to SDA6
I/O
Serial data input/output
SCL0 to SCL6
I/O
Transmit/receive clock input/output
Serial interface
special functions
STXD0 to
STXD6
O
Serial data output in slave mode
SRXD0 to
SRXD6
I
Serial data input in slave mode
SS0 to SS6
I
Input to control serial interface special functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com