Electronic Components Datasheet Search
  English  ▼

X  

IRC1 Datasheet(PDF) 1 Page - Mean Well Enterprises Co., Ltd.

Part # IRC1
Description  Power Inverter Remote Control
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

IRC1 Datasheet(HTML) 1 Page - Mean Well Enterprises Co., Ltd.

  IRC1 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ModelNo:IRC2
InverterRemoteController
Green
Orange
Red
Orange
Flash
ON
OFF
Abnormal
Power
Saving
:
:
:
:
INVERTER
LOAD
100%
100%
BATTERY
0%
0%
PUSH
ON/OFF
ModelNo:IRC1
InverterRemoteController
Green
Orange
Red
OrangeFlash
ON
OFF
Abnormal
PowerSaving
:
:
:
:
PUSH
ON/OFF
ModelNo:IRC3
InverterRemoteController
SOLARCHARGE
Green
Orange
Red
Orange
Flash
ON
OFF
Abnormal
Power
Saving
:
:
:
:
AC
CHARGE
ACIN
BY PASS
INVERTER
LOAD
100%
100%
BATTERY
0%
0%
PUSH
ON/OFF
Features :
ModelNo:IRC1
InverterRemoteController
Green
Orange
Red
OrangeFlash
ON
OFF
Abnormal
PowerSaving
:
:
:
:
PUSH
ON/OFF
Remote
port
75
2-R2(M3)
2.63
69.74
HOLEINCHASSIS
69.7
2-
4.5
4-R
8.2
R1
R4.5
70.5
SPECIFICATION
Description : IRC1 / IRC2 / IRC3 is the monitoring and control unit used for the inverter series. It can decode the RS-232 signal sent by
inverter series and display through digital meters. IRC1 / IRC2 / IRC3 can also turn ON/OFF of inverter remotely that make
the basic control more easily.
MODEL
DIGITAL METER
CONTROL OUTPUT
LEDINDICATOR
WORKINGTEMP.
REMOTEON/OFFCONTROL
SUITABLESERIES
POWERSAVINGCONTROL
WORKINGHUMIDITY
STORAGETEMP.,HUMIDITY
VIBRATION
HARMONICCURRENT
EMIRADIATION
EMSIMMUNITY
DIMENSION
OTHERS
EMC
NOTE
PACKING
-20~+50
ThecontrolledinverterunitcanbeturnedON/OFFontheremotecontrolpanelforIRC1/IRC2/IRC3
Powersavingenable/disableactivation
TS-700/1000/1500/3000; TN-1500/3000 TS-700/1000/1500/3000
TN-1500/3000
20~90%RHnon-condensing
-40~+85
,10~95%RH
10~500Hz,2G10min./1cycle,60min.eachalongX, Y,Zaxes
CompliancetoEN61000-3-2,3
CompliancetoEN55022class A,FCCPART 15class A
CompliancetoEN61000-4-2,3,4,6,8
75*55*21mm(L*W*H)
0.26Kg;24pcs/7.3Kg/1.75CUFT
IRC1
IRC2
IRC3
1. The remote control can not re-power on for inverter at abnormal status.
ENVIRONMENT
FUNCTION
FileName:IRC1/IRC2/IRC3-SPEC2010-04-12
PowerInverterRemoteControl
I R C 1/I R C 2/I R C 3
Wall-mount and control panel acceptable
Built-in ON/OFF button
Digital meters for battery level, output load level, and operating status
on remote control panel
LED indicators for remote ON/OFF, abnormal and power saving mode
Remote panel with 10FT cable length, optional for 25FT or 50FT
Connect directly to the remote socket of inverter, no power supply needed
3 years warranty
OUTPUT
-----
Displaythebatterylevel,outputloadlevel,andoperatingstatusofinverterunit
RemoteON/OFFforinverterunit
RemoteturnON(Green);RemoteturnOff(Orange); Abnormal(Red);Savingmode(Orangeflash)
MechanicalSpecification


Similar Part No. - IRC1

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
IRC1 MEANWELL-IRC1 Datasheet
353Kb / 1P
Power Inverter Remote Control
logo
List of Unclassifed Man...
IRC100 ETC-IRC100 Datasheet
875Kb / 2P
compact type metal clad wire wound resistors
IRC120 ETC-IRC120 Datasheet
875Kb / 2P
compact type metal clad wire wound resistors
IRC150 ETC-IRC150 Datasheet
875Kb / 2P
compact type metal clad wire wound resistors
logo
Advanced Energy Industr...
IRC150 ADVANCEDENERGY-IRC150 Datasheet
218Kb / 4P
MIKRON IRC 35 TO IRC 150
More results

Similar Description - IRC1

ManufacturerPart #DatasheetDescription
logo
Princeton Technology Co...
PT2260 PTC-PT2260 Datasheet
118Kb / 2P
REMOTE CONTROL ENCODER?
PT2261A PTC-PT2261A Datasheet
149Kb / 5P
Remote Control Encoder?
PT2262 PTC-PT2262 Datasheet
355Kb / 7P
Remote Control Encoder
logo
Samsung semiconductor
SV-120B SAMSUNG-SV-120B Datasheet
1Mb / 12P
Remote-Control
logo
Silan Microelectronics ...
SC5262 SILAN-SC5262 Datasheet
168Kb / 10P
REMOTE CONTROL ENCODER
logo
Mean Well Enterprises C...
IRC1 MEANWELL-IRC1_11 Datasheet
353Kb / 1P
Power Inverter Remote Control
logo
List of Unclassifed Man...
VTS-PM ETC-VTS-PM Datasheet
882Kb / 3P
remote power control console
logo
Silicon Laboratories
SI4030 SILABS-SI4030 Datasheet
1Mb / 58P
Remote control
SI4330 SILABS-SI4330 Datasheet
1Mb / 64P
Remote control
SI4362-C SILABS-SI4362-C Datasheet
1Mb / 44P
Remote control
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com