Electronic Components Datasheet Search
  English  ▼

X  

MCP3901 Datasheet(PDF) 31 Page - Microchip Technology

Part # MCP3901
Description  Two-Channel Analog Front End
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3901 Datasheet(HTML) 31 Page - Microchip Technology

Back Button MCP3901 Datasheet HTML 27Page - Microchip Technology MCP3901 Datasheet HTML 28Page - Microchip Technology MCP3901 Datasheet HTML 29Page - Microchip Technology MCP3901 Datasheet HTML 30Page - Microchip Technology MCP3901 Datasheet HTML 31Page - Microchip Technology MCP3901 Datasheet HTML 32Page - Microchip Technology MCP3901 Datasheet HTML 33Page - Microchip Technology MCP3901 Datasheet HTML 34Page - Microchip Technology MCP3901 Datasheet HTML 35Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 60 page
background image
© 2010 Microchip Technology Inc.
DS22192C-page 31
MCP3901
5.10.1
PHASE DELAY LIMITS
The phase delay can only go from -OSR/2 to
+OSR/2 – 1. This sets the fine phase resolution. The
PHASE register is coded with 2’s complement.
If larger delays between the two channels are needed,
they can be implemented externally to the chip with an
MCU. A FIFO in the MCU can save incoming data from
the leading channel for a number N of DRCLK clocks.
In this case, DRCLK would represent the coarse timing
resolution, and DMCLK, the fine timing resolution. The
total delay will then be equal to:
Delay = N/DRCLK + PHASE/DMCLK
The Phase Delay register can be programmed once
with the OSR = 256 setting and will adjust to the OSR
automatically afterwards, without the need to change
the value of the PHASE register.
• OSR = 256: The delay can go from -128 to +127.
PHASE<7> is the sign bit, PHASE<6> is the MSB
and PHASE<0> is the LSB.
• OSR = 128: The delay can go from -64 to +63.
PHASE<6> is the sign bit, PHASE<5> is the MSB
and PHASE<0> is the LSB.
• OSR = 64: The delay can go from -32 to +31.
PHASE<5> is the sign bit, PHASE<4> is the MSB
and PHASE<0> is the LSB.
• OSR = 32: The delay can go from -16 to +15.
PHASE<4> is the sign bit, PHASE<3> is the MSB
and PHASE<0> is the LSB.
5.11
Crystal Oscillator
The MCP3901 includes a Pierce type crystal oscillator
with very high stability and ensures very low tempera-
ture and jitter for the clock generation. This oscillator
can handle up to 16.384 MHz crystal frequencies pro-
vided that proper load capacitances and the quartz
quality factor are used.
For keeping specified ADC accuracy, AMCLK should
be kept between 1 and 5 MHz with BOOST off or 1 and
8.192 MHz with BOOST on. Larger MCLK frequencies
can be used provided the prescaler clock settings allow
the AMCLK to respect these ranges.
For a proper start-up, the load capacitors of the crystal
should be connected between OSC1 and DGND, and
between OSC2 and DGND. They should also respect
the following equation:
EQUATION 5-6:
When CLKEXT = 1, the crystal oscillator is bypassed
by a digital buffer to allow direct clock input for an
external clock (see Figure 1-5).
TABLE 5-8:
PHASE VALUES WITH
MCLK = 4 MHZ, OSR = 256
PHASE
Register Value
Hex
Delay
(CH0 relative
to CH1)
01 11 111 1
0x7F
+127 µs
01 11 111 0
0x7E
+126 µs
00 00 000 1
0x01
+1 µs
00 00 000 0
0x00
0 µs
11 11 111 1
0xFF
-1 µs
10 00 000 1
0x81
-127 µs
10 00 000 0
0x80
-128 µs
R
M
1.6
10
6
×
f
C
LOAD
-----------------
⎝⎠
⎛⎞
×
2
<
Where:
f
=
Crystal frequency in MHz
CLOAD
=
Load capacitance in pF including
parasitics from the PCB
RM
=
Motional resistance in ohms of
the quartz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com