Electronic Components Datasheet Search
  English  ▼

X  

TCM828 Datasheet(PDF) 23 Page - Microchip Technology

Part # TCM828
Description  Switched Capacitor Voltage Converters
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TCM828 Datasheet(HTML) 23 Page - Microchip Technology

Back Button TCM828_10 Datasheet HTML 18Page - Microchip Technology TCM828_10 Datasheet HTML 19Page - Microchip Technology TCM828_10 Datasheet HTML 20Page - Microchip Technology TCM828_10 Datasheet HTML 21Page - Microchip Technology TCM828_10 Datasheet HTML 22Page - Microchip Technology TCM828_10 Datasheet HTML 23Page - Microchip Technology TCM828_10 Datasheet HTML 24Page - Microchip Technology TCM828_10 Datasheet HTML 25Page - Microchip Technology TCM828_10 Datasheet HTML 26Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 23 / 26 page
background image
© 2010 Microchip Technology Inc.
DS21488B-page 23
TCM828/TCM829
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office
.
PART NO.
X
/XX
Package
Temperature
Range
Device
Device:
TCM828:
CMOS Voltage Converter.
TCM829:
CMOS Voltage Converter.
Temperature Range: E
= -40°C to +85°C
V
= -40°C to +125°C
Package:
CT
= 5-Lead Plastic Small Outline Transistor, SOT-23.
Examples:
a)
TCM828ECT728:
Extended Temp.,
5-LD SOT-23
Package.
b)
TCM828VT713:
Various Temperature
5-LD SOT-23
Package.
c)
TCM829ECT713-GVAO:
Extended Temp.,
5-LD SOT-23
Package.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com