Electronic Components Datasheet Search
  English  ▼

X  

2SC5027 Datasheet(PDF) 1 Page - Unisonic Technologies

Part # 2SC5027
Description  HIGH VOLTAGE AND HIGH RELIABILITY
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

2SC5027 Datasheet(HTML) 1 Page - Unisonic Technologies

  2SC5027 Datasheet HTML 1Page - Unisonic Technologies 2SC5027 Datasheet HTML 2Page - Unisonic Technologies 2SC5027 Datasheet HTML 3Page - Unisonic Technologies 2SC5027 Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
UNISONIC TECHNOLOGIES CO., LTD
2SC5027
NPN SILICON TRANSISTOR
www.unisonic.com.tw
1 of 4
Copyright © 2005 Unisonic Technologies Co., Ltd
QW-R203-027,C
HIGH VOLTAGE AND HIGH
RELIABILITY
.
FEATURES
* High Voltage (VCEO = 800V)
* High Speed Switching
* Wide SOA
TO-220
1
1
TO-220F
*Pb-free plating product number: 2SC5027L
ORDERING INFORMATION
Order Number
Pin Assignment
Normal
Lead Free Plating
Package
1
2
3
Packing
2SC5027-x-TA3-T
2SC5027L-x-TA3-T
TO-220
B
C
E
Tube
2SC5027-x-TF3-T
2SC5027L-x-TF3-T
TO-220F
B
C
E
Tube
2SC5027L-x-TA3-T
(1)Packing Type
(2)Package Type
(3)Rank
(4)Lead Plating
(1) T: Tube
(2) TA3: TO-220, TF3: TO-220F
(3) x: refer to Classification of hFE1
(4) L: Lead Free Plating, Blank: Pb/Sn


Similar Part No. - 2SC5027

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SC5027 TOSHIBA-2SC5027 Datasheet
228Kb / 4P
NPN TRIPLE DIFFUSED TYPE (HIGH VOLTAGE SWITCHING AND AMPLIFIER, COLOR TV HORIZONTAL DRIVER, CHROMA OUTPUT APPLICATIONS)
logo
Unisonic Technologies
2SC5027 UTC-2SC5027 Datasheet
50Kb / 4P
HIGH VOLTAGE AND HIGH RELIABILITY
logo
Nell Semiconductor Co.,...
2SC5027 NELLSEMI-2SC5027 Datasheet
258Kb / 5P
Silicon NPN triple diffusion planar transistor
logo
Foshan Blue Rocket Elec...
2SC5027 FOSHAN-2SC5027 Datasheet
436Kb / 6P
Silicon NPN transistor in a TO-126F Plastic Package.
logo
New Jersey Semi-Conduct...
2SC5027 NJSEMI-2SC5027 Datasheet
129Kb / 2P
Silicon NPN Power Transistor
More results

Similar Description - 2SC5027

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KSC5030F FAIRCHILD-KSC5030F Datasheet
64Kb / 5P
High Voltage and High Reliability
KSC5321 FAIRCHILD-KSC5321 Datasheet
55Kb / 6P
High Voltage and High Reliability
KSC5367 FAIRCHILD-KSC5367 Datasheet
56Kb / 6P
High Voltage and High Reliability
KSC5367F FAIRCHILD-KSC5367F Datasheet
62Kb / 6P
High Voltage and High Reliability
FJPF5021 FAIRCHILD-FJPF5021 Datasheet
57Kb / 5P
High Voltage and High Reliability
FJP5027 FAIRCHILD-FJP5027 Datasheet
59Kb / 5P
High Voltage and High Reliability
logo
SemiHow Co.,Ltd.
KSH5027AF SEMIHOW-KSH5027AF Datasheet
337Kb / 5P
High Voltage and High Reliability
logo
Tiger Electronic Co.,Lt...
KSC5027 TGS-KSC5027 Datasheet
158Kb / 1P
High Voltage and High Reliability
logo
Fairchild Semiconductor
FFPF30U60STTU FAIRCHILD-FFPF30U60STTU Datasheet
78Kb / 4P
High voltage and high reliability
FFPF05U60STTU FAIRCHILD-FFPF05U60STTU Datasheet
78Kb / 4P
High voltage and high reliability
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com