Electronic Components Datasheet Search
  English  ▼

X  

3510 Datasheet(PDF) 1 Page - Unisonic Technologies

Part # 3510
Description  PC POWER SUPPLY SUPERVISORS
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

3510 Datasheet(HTML) 1 Page - Unisonic Technologies

  3510 Datasheet HTML 1Page - Unisonic Technologies 3510 Datasheet HTML 2Page - Unisonic Technologies 3510 Datasheet HTML 3Page - Unisonic Technologies 3510 Datasheet HTML 4Page - Unisonic Technologies 3510 Datasheet HTML 5Page - Unisonic Technologies 3510 Datasheet HTML 6Page - Unisonic Technologies 3510 Datasheet HTML 7Page - Unisonic Technologies 3510 Datasheet HTML 8Page - Unisonic Technologies 3510 Datasheet HTML 9Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
UNISONIC TECHNOLOGIES CO., LTD
3510
CMOS IC
www.unisonic.com.tw
1 of 9
Copyright © 2005 Unisonic Technologies Co., Ltd
QW-R502-048,B
PC POWER SUPPLY
SUPERVISORS
DESCRIPTION
The UTC 3510 is designed to provide protection circuits, power
good output (PGO) indicator, fault protection output (FPO) and a
PSON control for PC switching power supply systems.
The protection circuits include over voltage protection (OVP)
monitoring for 3.3V, 5V and 12V (12V via VDD pin) and under voltage
protection(UVP) monitoring for 3.3V and 5V. When an OV or UV event
arose and is detected, the power good output (PGO) goes low and the
FPO will be set to high. The protection latch can be reset by setting
PSON to high. UVP function is enabled 75ms after PSON is set low
and de-bounced. Besides, there is a 2.3ms delay with 38ms
de-bounce at turn off but no delay during turn on.
When OVP and UVP detected the right voltage level, a PGO signal
will be issued.
FEATURES
* Over Voltage Protection and Lock Out for 3V, 5V and 12V.
* Under Voltage Protection and Lock Out for 3.3V and 5V.
* Open Drain Output for PGO and FPO pin.
* 300ms delay for PGO.
* 75ms delay for 3.3V and 5V short-circuit turn-on protection.
* 2.3ms PSON control to FPO turn-off delay.
* 38ms PSON control de-bounce.
* 73us width noise deglitches.
* Wide supply voltage range from 4V ~15V.
DIP - 8
SOP-8
*Pb - free plating product number: 3510L
ORDERING INFORMATION
Order Number
Normal
Lead Free Plating
Package
Packing
3510-D08-T
3510L-D08-T
DIP-8
Tube
3510-S08-R
3510L-S08-R
SOP-8
Tape Reel
3510-S08-T
3510L-S08-T
SOP-8
Tube
3510L- D08-T
(1)Packing Type
(2)Package Type
(3)Lead Plating
(1) R: Tape Reel, T: Tube
(2) D08: DIP-8, S08: SOP-8
(3) L: Lead Free Plating, Blank: Pb/Sn


Similar Part No. - 3510

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
3510 UTC-3510 Datasheet
106Kb / 9P
CMOS IC
logo
Voltage Multipliers Inc...
3510 VMI-3510 Datasheet
184Kb / 2P
200 V - 1,000 V Three Phase Bridge 40.0 A - 60.0 A Forward Current 70 ns - 3000 ns Recovery Time
logo
Lumberg
3510 LUMBERG-3510 Datasheet
117Kb / 2P
RAST-2.5-Steckverbinder, Raster 2,5/5,0 mm
logo
Unisonic Technologies
3510 UTC-3510 Datasheet
302Kb / 8P
PC POWER SUPPLY SUPERVISORS
logo
List of Unclassifed Man...
3510 ETC2-3510 Datasheet
158Kb / 3P
3/8 Square Drive Sockets, SAE
More results

Similar Description - 3510

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SG6513 ETC-SG6513 Datasheet
227Kb / 11P
PC Power Supply Supervisors
logo
Texas Instruments
LP7510 TI-LP7510 Datasheet
2Mb / 12P
PC POWER SUPPLY SUPERVISORS
logo
Fairchild Semiconductor
SG6516 FAIRCHILD-SG6516 Datasheet
504Kb / 12P
PC Power Supply Supervisors
SG6510X1 FAIRCHILD-SG6510X1 Datasheet
267Kb / 9P
PC Power Supply Supervisors
SG6520A FAIRCHILD-SG6520A Datasheet
1,000Kb / 12P
PC Power Supply Supervisors
logo
Unisonic Technologies
S3515 UTC-S3515 Datasheet
202Kb / 8P
PC POWER SUPPLY SUPERVISORS
S3525 UTC-S3525 Datasheet
303Kb / 9P
PC POWER SUPPLY SUPERVISORS
logo
Texas Instruments
TPS3510DR TI-TPS3510DR Datasheet
520Kb / 18P
PC POWER SUPPLY SUPERVISORS
logo
Unisonic Technologies
3510 UTC-3510_15 Datasheet
328Kb / 8P
PC POWER SUPPLY SUPERVISORS
S3515 UTC-S3515_15 Datasheet
202Kb / 8P
PC POWER SUPPLY SUPERVISORS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com