Electronic Components Datasheet Search
  English  ▼

X  

LMP8602Q Datasheet(PDF) 17 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMP8602Q
Description  60V Common Mode, Fixed Gain, Bidirectional Precision Current Sensing Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMP8602Q Datasheet(HTML) 17 Page - National Semiconductor (TI)

Back Button LMP8602Q Datasheet HTML 13Page - National Semiconductor (TI) LMP8602Q Datasheet HTML 14Page - National Semiconductor (TI) LMP8602Q Datasheet HTML 15Page - National Semiconductor (TI) LMP8602Q Datasheet HTML 16Page - National Semiconductor (TI) LMP8602Q Datasheet HTML 17Page - National Semiconductor (TI) LMP8602Q Datasheet HTML 18Page - National Semiconductor (TI) LMP8602Q Datasheet HTML 19Page - National Semiconductor (TI) LMP8602Q Datasheet HTML 20Page - National Semiconductor (TI) LMP8602Q Datasheet HTML 21Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
R
r creates a resistive divider together with the internal
100 k
Ω resistor such that, for the LMP8602, the reduced gain
G
r becomes:
For the LMP8603:
Given a desired value of the reduced gain G
r, using this equa-
tion the required value for R
r can be calculated for the
LMP8602 with:
and for the LMP8603 with:
Increase Gain
Figure 4 shows the configuration that can be used to increase
the gain of the LMP8602/LMP8602Q/LMP8603/LMP8603Q.
R
i creates positive feedback from the output pin to the input
of the buffer amplifier. The positive feedback increases the
gain. The increased gain G
i for the LMP8602 becomes:
and for the LMP8603:
From this equation, for a desired value of the gain, the re-
quired value of R
i can be calculated for the LMP8602 with:
and for the LMP8603 with:
It should be noted from the equation for the gain G
i that for
large gains R
i approaches 100 kΩ. In this case, the denomi-
nator in the equation becomes close to zero. In practice, for
large gains the denominator will be determined by tolerances
in the value of the external resistor R
i and the internal 100
k
Ω resistor. In this case, the gain becomes very inaccurate. If
the denominator becomes equal to zero, the system will even
become instable. It is recommended to limit the application of
this technique to gain increases of a factor 2.5 or smaller.
30083457
FIGURE 4. Increase Gain
17
www.national.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com