Electronic Components Datasheet Search
  English  ▼

X  

WM8711 Datasheet(PDF) 36 Page - Wolfson Microelectronics plc

Part # WM8711
Description  Internet Audio DAC with Integrated Headphone Amplifier
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8711 Datasheet(HTML) 36 Page - Wolfson Microelectronics plc

Back Button WM8711 Datasheet HTML 32Page - Wolfson Microelectronics plc WM8711 Datasheet HTML 33Page - Wolfson Microelectronics plc WM8711 Datasheet HTML 34Page - Wolfson Microelectronics plc WM8711 Datasheet HTML 35Page - Wolfson Microelectronics plc WM8711 Datasheet HTML 36Page - Wolfson Microelectronics plc WM8711 Datasheet HTML 37Page - Wolfson Microelectronics plc WM8711 Datasheet HTML 38Page - Wolfson Microelectronics plc WM8711 Datasheet HTML 39Page - Wolfson Microelectronics plc WM8711 Datasheet HTML 40Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 47 page
background image
Production Data
WM8711 / WM8711L
w
PD Rev 4.4 April 2007
36
DACPD: Powers down the DAC and DAC Digital Filters. If this is done dynamically then audible pops
will result unless the following guidelines are followed. In order to prevent pops, the DAC should first
be soft-muted (DACMU), the output should then be de-selected from the line and headphone output
(DACSEL), then the DAC powered down (DACPD). This is of use when the device enters Pause or
Stop modes. During DACPD the digital audio interface is remains active.
OUTPD: Powers down the Line and Headphone Outputs. If this is done dynamically then audible
pops may result unless the DAC is first soft-muted (DACMU). This is of use when the device enters
Record, Pause or Stop modes.
The device can be put into a standby mode (STANDBY) by powering down all the audio circuitry
under software control as shown in Table 20.
DESCRIPTION
0
0
0
1
1
STANDBY, but with Crystal Oscillator OS and CLKOUT
available
0
1
0
1
1
STANDBY, but with Crystal Oscillator OS available,
CLKOUT not-available
0
1
1
1
1
STANDBY, Crystal oscillator and CLKOUT not-available.
Table 21 Standby Mode
In STANDBY mode the Control Interface, a small portion of the digital and areas of the analogue
circuitry remain active. The active analogue includes the analogue VMID reference so that the
analogue line outputs and headphone outputs remain biased to VMID. This reduces any audible
effects caused by DC glitches when entering or leaving STANDBY mode.
The device can be powered off by writing to the POWEROFF bit of the Power Down register. In
POWEROFF mode the Control Interface and a small portion of the digital remain active. The
analogue VMID reference is disabled. Refer to Table 22.
DESCRIPTION
1
0
0
X
1
POWEROFF, but with Crystal Oscillator OS and
CLKOUT available
1
1
0
X
1
POWEROFF, but with Crystal Oscillator OS
available, CLKOUT not-available
1
1
1
X
1
POWEROFF, Crystal oscillator and CLKOUT
not-available.
Table 22 Poweroff Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com