Electronic Components Datasheet Search
  English  ▼

X  

SST25LF080A Datasheet(PDF) 22 Page - Silicon Storage Technology, Inc

Part # SST25LF080A
Description  8 Mbit SPI Serial Flash
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST25LF080A Datasheet(HTML) 22 Page - Silicon Storage Technology, Inc

Back Button SST25LF080A Datasheet HTML 17Page - Silicon Storage Technology, Inc SST25LF080A Datasheet HTML 18Page - Silicon Storage Technology, Inc SST25LF080A Datasheet HTML 19Page - Silicon Storage Technology, Inc SST25LF080A Datasheet HTML 20Page - Silicon Storage Technology, Inc SST25LF080A Datasheet HTML 21Page - Silicon Storage Technology, Inc SST25LF080A Datasheet HTML 22Page - Silicon Storage Technology, Inc SST25LF080A Datasheet HTML 23Page - Silicon Storage Technology, Inc SST25LF080A Datasheet HTML 24Page - Silicon Storage Technology, Inc SST25LF080A Datasheet HTML 25Page - Silicon Storage Technology, Inc  
Zoom Inzoom in Zoom Outzoom out
 22 / 25 page
background image
22
EOL Product Data Sheet
8 Mbit SPI Serial Flash
SST25LF080A
©2006 Silicon Storage Technology, Inc.
S71248-06-EOL
1/06
FIGURE 20: AC INPUT/OUTPUT REFERENCE WAVEFORMS
FIGURE 21: A TEST LOAD EXAMPLE
1248 F20.0
REFERENCE POINTS
OUTPUT
INPUT
VHT
VLT
VHT
VLT
VIHT
VILT
AC test inputs are driven at VIHT (0.9VDD) for a logic “1” and VILT (0.1VDD) for a logic “0”. Measurement reference points
for inputs and outputs are VHT (0.7VDD) and VLT (0.3VDD). Input rise and fall times (10% ↔ 90%) are <5 ns.
Note: VHT - VHIGH Test
VLT - VLOW Test
VIHT - VINPUT HIGH Test
VILT - VINPUT LOW Test
1248 F21.0
TO TESTER
TO DUT
CL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com