Electronic Components Datasheet Search
  English  ▼

X  

SC4626 Datasheet(PDF) 2 Page - Semtech Corporation

Part # SC4626
Description  2.5MHz, 1A Synchronous Step Down Regulator in SOT23-5
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC4626 Datasheet(HTML) 2 Page - Semtech Corporation

  SC4626 Datasheet HTML 1Page - Semtech Corporation SC4626 Datasheet HTML 2Page - Semtech Corporation SC4626 Datasheet HTML 3Page - Semtech Corporation SC4626 Datasheet HTML 4Page - Semtech Corporation SC4626 Datasheet HTML 5Page - Semtech Corporation SC4626 Datasheet HTML 6Page - Semtech Corporation SC4626 Datasheet HTML 7Page - Semtech Corporation SC4626 Datasheet HTML 8Page - Semtech Corporation SC4626 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
www.semtech.com
© 2009 Semtech Corp.
2
SC4626
Pin Configuration
Ordering Information
Device
Package & Description
SC4626xSKTRT(2)(3)(4)
SOT23-5
SC4626xEVB(5)
Evaluation Board - Standard
Size (i.e., Wire Wound Inductor)
SC4626xEVB-1(5)
Evaluation Board - Small Size
(i.e., Chip Inductor)
Notes:
() Measured in free convection, mounted on 0mm x 0mm, 2 layer FR4 PCB
shown in figure 4 with copper of oz for each layer.
(2) Available in tape and reel only. A reel contains 3,000 devices.
(3) Available in lead-free package only. Device is WEEE and RoHS compliant.
(4) “x”is the code of the output voltage. See Table  for the code. For example,
the device number for VOUT= .20V is SC4626CSKTRT.
(5) “x”is the code of the output voltage. See Table  for the code. For example,
the EVB for VOUT= .20V is SC4626CEVB (Standard Size) or SC4626CEVB-
(Small Size).
Table 1: Available Output Voltages
Code
VOUT()
A
.00
C
.20
E
.28
F
.30
H
.50
L
.80
Y
2.50
Z
3.30
Notes:
() Contact factory for unavaliable output voltage options.
SOT23-5
θ
JA = 90°C/W
(1)
1
2
3
5
4
VIN
GND
EN
LX
VOUT
(TOP VIEW)
x
Marking for SOT23, 5 Lead Package:
x = Code of the output voltage (Example: C for VOUT=.20V)
yyww = Datecode (Example: 0852)
Marking Information



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com