Electronic Components Datasheet Search
  English  ▼

X  

SX8733 Datasheet(PDF) 13 Page - Semtech Corporation

Part # SX8733
Description  Precision Diode Digital Temperature For Up To 3 External Sensors
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SX8733 Datasheet(HTML) 13 Page - Semtech Corporation

Back Button SX8733 Datasheet HTML 9Page - Semtech Corporation SX8733 Datasheet HTML 10Page - Semtech Corporation SX8733 Datasheet HTML 11Page - Semtech Corporation SX8733 Datasheet HTML 12Page - Semtech Corporation SX8733 Datasheet HTML 13Page - Semtech Corporation SX8733 Datasheet HTML 14Page - Semtech Corporation SX8733 Datasheet HTML 15Page - Semtech Corporation SX8733 Datasheet HTML 16Page - Semtech Corporation SX8733 Datasheet HTML 17Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
ACS Revision 2.91/February 2010
©2010 Semtech Corp.
SX8733/SX8743/SX8744
www.semtech.com
Page 13
Digital temperature sensor
ADVANCED COMMUNICATIONS & SENSING
DATASHEET
3.9. Continuous Time Vs. Single Shot
The chip can be operated in 2 distinct modes: continuous time or one-shot.
The one-shot mode performs one temperature measurement of all sensors selected in RegSensor. After completion, it
returns to standby.
In continuous temperature sampling, temperature measurements are taken at regular intervals and the result held in
internal registers accessible by SMBUS. The RegADCRate register controls the sampling time period.
4. Application Note
4.1. Typical Temperature Sensing System With A SX8743
Figure 9. SX8743 Performs Remote Temperature Measurement In Mode 8
When the remote-sensing diode is a discrete transistor, its collector and base should be connected together. An external
capacitor of 100pF across the PN junction smoothes out external noise interference. The capacitor must be located very
close to the pins.
The ideality factor is a measure of the deviation of the thermal diode from ideal behavior. The chips are trimmed for the
PNP device described in Table 5.
Temperature High Byte
Temperature Low Byte
Temperature (ºC)
Binary
Offset Binary1
1.
Offset binary scale temperature values are offset by 64ºC
Temperature (ºC)
Binary or
Offset Binary
-40 or less
0000 00002
2.
Binary scale returns 0ºC for all temperatures <0ºC
0001 1000
0
0000 0000
0100 0000
x.000
0000 0000
1
0000 0001
0100 0001
x.125
0000 0001
50
0011 0010
0111 0010
x.250
0000 0010
64
0100 0000
0000 0000
x.375
0000 0011
100
0110 0100
1010 0100
x.500
0000 0100
127
0111 1111
1011 1111
x.625
0000 0101
140 or more
0111 11113
3.
Binary scale returns 127ºC for all temperatures >127ºC
1100 1100
x.750
0000 0110
Diode fault
1111 11114
4.
A diode fault is detected when the temperature ADC hard limits at 0% or 100% pulse density
1111 11114
x.875
0000 0111
SMBus
Interface
HOST
10k
10k
3.3V
P1
P2
P3
P4
VSS
SMBCLK
SMBDAT
SX8743
100pF
ALARM1
VDD
GPIO
VSS
10k
10k
100nF
ALARM2
VBUS
1
7
8
2
6
3
4
5
MMBT3906



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com