Electronic Components Datasheet Search
  English  ▼

X  

S2N7002K Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # S2N7002K
Description  115mA, 60V N-Channel Enhancement Mode Power MOSFET
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

S2N7002K Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  S2N7002K Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH S2N7002K Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH S2N7002K Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Elektronische Bauelemente
S2N7002K
115mA, 60V
N-Channel Enhancement Mode Power MOSFET
08-Mar-2010 Rev. B
Page 1 of 3
1
2
3
GATE
SOURCE
DRAIN
*
* Gate
Pretection
Diode
RoHS Compliant Product
A Suffix of “-C” specifies halogen & lead-free
FEATURES
Low on resistance.
Fast switching speed.
Low-voltage drive.
Easily designed drive circuits.
Easy to parallel.
Pb-Free package is available.
ESD protected:2000V
DEVICE MARKING: RK
MAXIMUM RATINGS (TA = 25°C unless otherwise specified)
PARAMETER
SYMBOL
RATING
UNIT
Drain – Source Voltage
VDSS
60
V
Gate – Source Voltage
VGSS
±20
V
Continuous
ID
115
mA
Drain Current
Pulsed
IDP
1
0.8
A
Continuous
IDR
115
mA
Drain Reverse Current
Pulsed
IDRP
1
0.8
A
Total Power Dissipation
PD
2
225
mW
Channel & Storage Temperature
TCH, TSTG
150, -55~150
°C
Note: 1. Pulse width ≦10
µS, Duty cycle≦1%.
2. When mounted on 1x0.75x0.062 inch glass epoxy board.
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise specified)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNIT
TEST CONDITION
Gate-Source Leakage Current
IGSS
-
-
±10
µA
VGS=±20V, VDS=0V
Drain-Source Breakdown Voltage
V(BR)DSS
60
-
-
V
VGS=0V, ID =10
µA
Zero Gate Voltage Drain Current
IDSS
-
-
1
µA
VDS=60V, VGS=0V
Gate Threshold Voltage
VGS(TH)
1
1.85
2.5
V
VDS= VGS, ID =250
µA
-
-
7.5
VGS=10V, ID=0.5A
Drain-Source On-State Resistance*
RDS(ON) *
-
-
7.5
VGS=5V, ID=0.05A
Forward Transfer Admittance
|YFS|*
80
-
-
mS
VDS=10V, ID=0.2A
Input Capacitance
CISS
-
25
50
Output Capacitance
COSS
-
10
25
Reverse Transfer Capacitance
CRSS
-
3.0
5.0
pF
VDS=25V
VGS=0V
f=1MHz
Turn-on Delay Time
Td(ON) *
-
12
20
Turn-off Delay Time
Td(OFF) *
-
20
30
nS
VDD≒30V, V Gs=10V
I D=200mA, RL=150 , RGS=10
* Pulse width ≦300
µS, Duty cycle≦1%
SWITCHING CHARACTERISTICS MEASUREMENT CIRCUIT
SOT-23
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
2.70
3.04
G
-
0.18
B
2.10
2.80
H
0.40
0.60
C
1.20
1.60
J
0.08
0.20
D
0.89
1.40
K
0.6 REF.
E
1.78
2.04
L
0.85
1.15
F
0.30
0.50
Top View
A
L
C B
D
G
H
J
F
K
E
1
2
3
1
2
3


Similar Part No. - S2N7002K

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
S2N7002KDW SECOS-S2N7002KDW Datasheet
312Kb / 2P
Dual -Channel MOSFET.
S2N7002KDW-C SECOS-S2N7002KDW-C Datasheet
312Kb / 2P
Dual -Channel MOSFET.
S2N7002KT SECOS-S2N7002KT Datasheet
470Kb / 4P
N-Channel Enhancement MOSFET
S2N7002KW SECOS-S2N7002KW Datasheet
542Kb / 2P
N-Channel Enhancement MOSFET
logo
VBsemi Electronics Co.,...
S2N7002KW VBSEMI-S2N7002KW Datasheet
1,013Kb / 8P
N-Channel 60-V (D-S) MOSFET
More results

Similar Description - S2N7002K

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
2N7002LL UTC-2N7002LL Datasheet
162Kb / 3P
60V, 115mA, N-CHANNEL MOSFET
2N7002L UTC-2N7002L_10 Datasheet
162Kb / 3P
60V, 115mA, N-CHANNEL MOSFET
2N7002LL UTC-2N7002LL_12 Datasheet
166Kb / 3P
60V, 115mA N-CHANNEL POWER MOSFET
logo
Guangdong Youtai Semico...
20N06 UMW-20N06 Datasheet
1Mb / 6P
60V N-Channel Enhancement Mode Power MOSFET
30N06 UMW-30N06 Datasheet
1Mb / 7P
60V N-Channel Enhancement Mode Power MOSFET
40N06 UMW-40N06 Datasheet
1Mb / 6P
60V N-Channel Enhancement Mode Power MOSFET
50N06 UMW-50N06 Datasheet
1Mb / 6P
60V N-Channel Enhancement Mode Power MOSFET
IRLR2905TR UMW-IRLR2905TR Datasheet
1Mb / 6P
60V N-Channel Enhancement Mode Power MOSFET
STD30NF06L UMW-STD30NF06L Datasheet
1Mb / 6P
60V N-Channel Enhancement Mode Power MOSFET
STD35NF06 UMW-STD35NF06 Datasheet
1Mb / 6P
60V N-Channel Enhancement Mode Power MOSFET
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com