Electronic Components Datasheet Search
  English  ▼

X  

FM3104 Datasheet(PDF) 7 Page - Ramtron International Corporation

Part # FM3104
Description  Integrated Processor Companion with Memory
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RAMTRON [Ramtron International Corporation]
Direct Link  http://www.ramtron.com
Logo RAMTRON - Ramtron International Corporation

FM3104 Datasheet(HTML) 7 Page - Ramtron International Corporation

Back Button FM3104 Datasheet HTML 3Page - Ramtron International Corporation FM3104 Datasheet HTML 4Page - Ramtron International Corporation FM3104 Datasheet HTML 5Page - Ramtron International Corporation FM3104 Datasheet HTML 6Page - Ramtron International Corporation FM3104 Datasheet HTML 7Page - Ramtron International Corporation FM3104 Datasheet HTML 8Page - Ramtron International Corporation FM3104 Datasheet HTML 9Page - Ramtron International Corporation FM3104 Datasheet HTML 10Page - Ramtron International Corporation FM3104 Datasheet HTML 11Page - Ramtron International Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
FM3104/16/64/256
Rev. 3.2
July 2010
Page 7 of 25
to be loaded into the timekeeper core. W is used for
writing new time values. Users should be certain not
to load invalid values, such as FFh, to the
timekeeping registers. Updates to the timekeeping
core occur continuously except when locked.
Backup Power
The real-time clock/calendar is intended to be
permanently powered. When the primary system
power fails, the voltage on the VDD pin will drop.
When VDD is less 2.5V the RTC (and event counters)
will switch to the backup power supply on VBAK. The
clock operates at extremely low current in order to
maximize battery or capacitor life. However, an
advantage of combining a clock function with FRAM
memory is that data is not lost regardless of the
backup power source.
Trickle Charger
To facilitate capacitor backup the VBAK pin can
optionally provide a trickle charge current. When the
VBC bit, register 0Bh bit 2, is set to 1 the VBAK pin
will source approximately 15 µA until VBAK reaches
VDD or 3.75V whichever is less. In 3V systems, this
charges the capacitor to VDD without an external
diode and resistor charger. In 5V systems, it provides
the same convenience and also prevents the user from
exceeding the VBAK maximum voltage specification.
In the case where no battery is used, the VBAK pin
should be tied according to the following conditions:
• For 3.3V systems, VBAK should be tied to VDD.
This assumes VDD does not exceed 3.75V.
• For 5V systems, attach a 1 µF capacitor to VBAK
and turn the trickle charger on. The VBAK pin
will charge to the internal backup voltage which
regulates itself to about 3.6V. VBAK should not
be tied to 5V since the VBAK (max) specification
will be exceeded. A 1 µF capacitor will keep
the companion functions working for about 1.5
second.
Although VBAK may be connected to VSS, this is not
recommended if the companion is used. None of the
companion functions will operate below about 2.5V.
Note: systems using lithium batteries should clear
the VBC bit to 0 to prevent battery charging. The
VBAK circuitry includes an internal 1 K
Ω series
resistor as a safety element.
Figure 7. Real-Time Clock Core Block Diagram
Calibration
When the CAL bit in a register 00h is set to 1, the
clock enters calibration mode. In calibration mode,
the CAL/PFO output pin is dedicated to the
calibration function and the power fail output is
temporarily unavailable. Calibration operates by
applying a digital correction to the counter based on
the frequency error. In this mode, the CAL/PFO pin
is driven with a 512 Hz (nominal) square wave. Any
measured deviation from 512 Hz translates into a
timekeeping error. The user converts the measured
error in ppm and writes the appropriate correction
value to the calibration register. The correction
factors are listed in the table below. Positive ppm
errors require a negative adjustment that removes
pulses. Negative ppm errors require a positive
correction that adds pulses. Positive ppm adjustments
have the CALS (sign) bit set to 1, where as negative
ppm adjustments have CALS = 0. After calibration,
the clock will have a maximum error of
± 2.17 ppm
or
± 0.09 minutes per month at the calibrated
temperature.
32.768 kHz
crystal
Oscillator
Clock
Divider
Update
Logic
512 Hz
W
R
Seconds
7 bits
Minutes
7 bits
Hours
6 bits
Date
6 bits
Months
5 bits
Years
8 bits
CF
Days
3 bits
User Interface Registers
1 Hz
/OSCEN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com