Electronic Components Datasheet Search
  English  ▼

X  

ULS Datasheet(PDF) 2 Page - Murata Manufacturing Co., Ltd.

Part # ULS
Description  Sixteenth-brick DOSA-Compatible, Isolated DC/DC Converters
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

ULS Datasheet(HTML) 2 Page - Murata Manufacturing Co., Ltd.

  ULS Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. ULS Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. ULS Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. ULS Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. ULS Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. ULS Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. ULS Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. ULS Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. ULS Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
ULS Series
Sixteenth-brick DOSA-Compatible,
Isolated DC/DC Converters
www.murata-ps.com
email: sales@murata-ps.com
PART NUMBER STRUCTURE
19 Jul 2010
MDC_ULS Series.B16 Page 2 of 12
PERFORMANCE SPECIFICATIONS AND ORDERING GUIDE M
Root Model
M
Output
Input
Efficiency
Efficiency
C76
Package
VOUT
OUT
(V)
IOUT
OUT
(A, max.)
Power
(W)
R/N (mV pk-pk)
N
Regulation (max.)
P VIN Nom.
(V)
Range
(V)
IIN, no load
(mA)
IIN, full
load (A)
Typ.
Max.
Line
Load
Min.
Typ.
Typ.
Case (inches)
ULS-3.3/20-D48N-C
3.3
20
66
70
120
±0.1%
±0.2%
48
36-75
20
1.53
89%
90%
0.9x1.3x0.40
ULS-5/12-D48N-C
5
12
60
50
80
±0.125%
±0.25%
48
36-75
40
1.39
88%
90%
0.9x1.3x0.40
ULS-12/5-D48N-C
12
5
60
80
120
±0.125%
±0.25%
48
36-75
50
1.37
88%
91%
0.9x1.3x0.40
ULS-15/2-D48N-C
15
2
PRELIMINARY – Please contact Murata Power Solutions for further information.
0.9x1.3x0.40
ULS-12/2.5-D48N-C
12
2.5
0.9x1.3x0.40
Maximum Rated Output Current
Current in Amps
Sixteenth Brick Series
Nominal Output Voltage:
ULS
-
/
D48
-
3.3
20
N H
Note:
Some model number combinations
may not be available. Contact Murata
Power Solutions.
Input Voltage Range:
D48
= 36-75 Volts (48V nominal)
On/Off Control Polarity:
N
= Negative, standard
P
= Positive, optional special order
Conformal Coating:
Blank
= No coating, standard
H
= Coating added, optional special order
M Please refer to the Part Number Structure when ordering.
N These specifications are preliminary. Contact Murata Power Solutions for availability.
O All specifications are at nominal line voltage and full load, +25°C unless otherwise noted. See detailed
specifications. Output capacitors are 1 μF ceramic multilayer in parallel with 10 μF electrolytic.
I/O caps are necessary for our test equipment and may not be needed for your application.
➃ Regulation specifications describe output voltage deviations from a nominal/midpoint value to either
extreme (50% load step).
➄ Models ULS-12/2.5-D48N-C and ULS-15/2-D48N-C do not include sense pins.
C
RoHS Hazardous Substance Compliance
(does not claim EU RoHS exemption 7b–lead in solder)
C
= RoHS-6
Y
= RoHS-5
-
Figure 2. On/Off Enable Control Ground Bounce Protection
Preferred location
of On/Off control
adjacent to -Vin
terminal
DC/DC Converter
Install separate
return wire for
On/Off control
with remote
transistor
On/Off
Control
Transistor
Do not connect
control transistor
through remote
power bus
Ground plane or power return bus
+ Vin
On/Off Enable
-Vin return
On/Off Enable Control Ground Bounce Protection
To improve reliability, if you use a small signal transistor or other external
circuit to select the Remote On/Off control, make sure to return the LO side
directly to the –Vin power input on the DC/DC converter. To avoid ground
bounce errors, do not connect the On/Off return to a distant ground plane or
current-carrying bus. If necessary, run a separate small return wire directly to
the –Vin terminal. There is very little current (typically 1-5 mA) on the On/Off
control however, large current changes on a return ground plane or ground
bus can accidentally trigger the converter on or off. If possible, mount the On/
Off transistor or other control circuit adjacent to the converter.
Lx
Pin Length Option (Thru-hole only)
Blank = Standard pin length 0.180˝ (4.6mm)
L1 = 0.110˝ (2.79mm)
L2 = 0.145˝ (3.68mm)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com