Electronic Components Datasheet Search
  English  ▼

X  

B82801C Datasheet(PDF) 5 Page - EPCOS

Part # B82801C
Description  Inductors
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B82801C Datasheet(HTML) 5 Page - EPCOS

  B82801C Datasheet HTML 1Page - EPCOS B82801C Datasheet HTML 2Page - EPCOS B82801C Datasheet HTML 3Page - EPCOS B82801C Datasheet HTML 4Page - EPCOS B82801C Datasheet HTML 5Page - EPCOS B82801C Datasheet HTML 6Page - EPCOS B82801C Datasheet HTML 7Page - EPCOS B82801C Datasheet HTML 8Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Inductors
SMT current sense transformers, EE 12.6
B82801C
EPCOS HO PD
2009-08-14
Please read Cautions and warnings and
Page 5 of 8
Important notes at the end of this document
.
Technical data and measuring conditions
Frequency range
50 kHz … 500 kHz
Sensed current
The max. primary current of 40 A causes approx. 40 °C
temperature rise.
Test voltage Vtest
50 Hz, 1 s (winding/winding)
Rated temperature
Approx. 40 °C
Inductance L (2
4)
100 kHz, 1.0 V, 25 °C
DC resistance Rmax
Measured at 25 °C
Solderability
≥99.9 Sn lead-free
or Sn96.5Ag3.0Cu0.5: (245
5) °C, (3 0.3) s
Wetting of soldering area: ≥95%
(to IEC 60068-2-58)
Resistance to soldering heat
(reflow soldering)
Reflow process at 245
5 °C (to JEDEC J-STD 020C)
Storage conditions
20 °C … +40 °C, ≤ 75 %
Operating temperature range
40 °C … +130 °C
Weight
Approx. 4.8 g
Characteristics and ordering codes
Lmin
Turns ratio DC resistance Rmax (m) Sensed current Vtest
mH
Np : Ns
primary
secondary
A
V AC
Ordering code
1.4
1 : 50
0.28
400
40
1500
B82801C0145A050
5.6
1 : 100
0.28
1000
40
1500
B82801C0565A100
12.6
1 : 150
0.28
2200
40
1500
B82801C1265A150
22.4
1 : 200
0.28
2900
40
1500
B82801C2245A200



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com