Electronic Components Datasheet Search
  English  ▼

X  

B5975X Datasheet(PDF) 1 Page - EPCOS

Part # B5975X
Description  PTC thermistors as inrush current limiters
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B5975X Datasheet(HTML) 1 Page - EPCOS

  B5975X Datasheet HTML 1Page - EPCOS B5975X Datasheet HTML 2Page - EPCOS B5975X Datasheet HTML 3Page - EPCOS B5975X Datasheet HTML 4Page - EPCOS B5975X Datasheet HTML 5Page - EPCOS B5975X Datasheet HTML 6Page - EPCOS B5975X Datasheet HTML 7Page - EPCOS B5975X Datasheet HTML 8Page - EPCOS B5975X Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
PTC thermistors as
inrush current limiters
Leaded disks
Series/Type:
B5975*
Date:
November 2009
© EPCOS AG 2009. Reproduction, publication and dissemination of this publication, enclosures hereto and the
information contained therein without EPCOS' prior express consent is prohibited.


Similar Part No. - B5975X

ManufacturerPart #DatasheetDescription
logo
EPCOS
B59750B0120A070 EPCOS-B59750B0120A070 Datasheet
106Kb / 6P
Leaded Disks, Uncoated, 380 V to 1000 V
B59750B0120A070 EPCOS-B59750B0120A070 Datasheet
410Kb / 13P
PTC thermistors for overcurrent protection
B59750B0120A070 EPCOS-B59750B0120A070 Datasheet
408Kb / 13P
PTC thermistors for overcurrent protection Leaded disks, uncoated, 380 to 1000 V
B59750B0120A070 EPCOS-B59750B0120A070_11 Datasheet
408Kb / 13P
PTC thermistors for overcurrent protection Leaded disks, uncoated, 380 to 1000 V
B59750C0120A070 EPCOS-B59750C0120A070 Datasheet
284Kb / 11P
PTC thermistors as inrush current limiters
More results

Similar Description - B5975X

ManufacturerPart #DatasheetDescription
logo
EPCOS
B57238 EPCOS-B57238 Datasheet
194Kb / 6P
Inrush current limiters
B59041R0080A010 EPCOS-B59041R0080A010 Datasheet
213Kb / 8P
PTC thermistors as heating elements
B59060A0000A010 EPCOS-B59060A0000A010 Datasheet
215Kb / 8P
PTC thermistors as heating elements
B5910 EPCOS-B5910 Datasheet
237Kb / 10P
PTC thermistors as inrush current limiters
logo
MERITEK ELECTRONICS COR...
SCK MERITEK-SCK Datasheet
144Kb / 5P
NTC Power Thermistors Inrush Current Limiters
logo
EPCOS
B59053A0110A010 EPCOS-B59053A0110A010_12 Datasheet
71Kb / 8P
PTC thermistors as heating elements
B59412C1130B070 EPCOS-B59412C1130B070 Datasheet
284Kb / 11P
PTC thermistors as inrush current limiters
logo
AMETHERM Circuit Protec...
995-MS12-15102 AMETHERM-995-MS12-15102 Datasheet
385Kb / 1P
MEGASURGE MS SERIES - INRUSH CURRENT LIMITERS
logo
Vishay Siliconix
PTCEL VISHAY-PTCEL Datasheet
93Kb / 5P
PTC Thermistors, Inrush current limiter and Energy Load-Dump
31-May-16
PTCEL VISHAY-PTCEL_V01 Datasheet
112Kb / 4P
PTC Thermistors, Inrush Current Limiter and Energy Load-Dump
17-Oct-2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com