Electronic Components Datasheet Search
  English  ▼

X  

ATMEGA32HVB Datasheet(PDF) 5 Page - ATMEL Corporation

Part # ATMEGA32HVB
Description  8-bit Microcontroller with 16K/32K Bytes In-System Programmable Flash
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA32HVB Datasheet(HTML) 5 Page - ATMEL Corporation

  ATMEGA32HVB Datasheet HTML 1Page - ATMEL Corporation ATMEGA32HVB Datasheet HTML 2Page - ATMEL Corporation ATMEGA32HVB Datasheet HTML 3Page - ATMEL Corporation ATMEGA32HVB Datasheet HTML 4Page - ATMEL Corporation ATMEGA32HVB Datasheet HTML 5Page - ATMEL Corporation ATMEGA32HVB Datasheet HTML 6Page - ATMEL Corporation ATMEGA32HVB Datasheet HTML 7Page - ATMEL Corporation ATMEGA32HVB Datasheet HTML 8Page - ATMEL Corporation ATMEGA32HVB Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
5
8042B–AVR–06/10
ATmega16HVB/32HVB
2.
Overview
The ATmega16HVB/32HVB is a monitoring and protection circuit for 3 and 4-cell Li-ion applica-
tions with focus on highest safety including safe authentication, low cost and high utilization of
the cell energy. The device contains secure authentication features as well as autonomous bat-
tery protection during charging and discharging. The External Protection Input can be used to
implement other battery protection mechanisms using external components, e.g. protection
against chargers with too high charge voltage can be easily implemented with a few low cost
passive components. The feature set makes the ATmega16HVB/32HVB a key component in
any system focusing on high security, battery protection, high system utilization and low cost.
Figure 2-1.
Block Diagram
ATmega16HVB/32HVB provides the necessary redundancy on-chip to make sure that the bat-
tery is protected in critical failure modes. The chip is specifically designed to provide safety for
the battery cells in case of pin shorting, loss of power (either caused by battery pack short or
VCC short), illegal charger connection or software runaway. This makes ATmega16HVB/32HVB
the ideal 1-chip solution for applications with focus on high safety.
The ATmega16HVB/32HVB features an integrated voltage regulator that operates at a wide
range of input voltages, 4 - 25 volts. This voltage is regulated to a constant supply voltage of
nominally 3.3 volts for the integrated logic and analog functions. The regulator capabilities, com-
PORTA (4)
SRAM
Flash
CPU
EEPROM
PV2
NV
OC
FET
Control
Voltage
ADC
Voltage
Reference
Coulomb
Counter ADC
GND
VCC
RESET/dW
Power
Supervision
POR &
RESET
Watchdog
Oscillator
Watchdog
Timer
Oscillator
Circuits /
Clock
Generation
VREF
VREFGND
PI
NI
PA3..0
PA1..0
8/16-bit T/C1
8/16-bit T/C0
PORTB (8)
PB7..0
SPI
Voltage
Regulator
Charger
Detect
VFET
VREG
BATT
PV1
DATA BUS
VPTAT
Current
Protection
Security
Module
PORTC (6)
PC5..0
Voltage Regulator
Monitor Interface
PB0
Oscillator
Sampling
Interface
Program
Logic
debugWIRE
Cell
Balancing
PV3
PV4
TWI
PPI
NNI
OD
PORTA (4)
SRAM
Flash
CPU
EEPROM
PV2
NV
OC
FET
Control
Voltage
ADC
Voltage
Reference
Coulomb
Counter ADC
GND
VCC
RESET/dW
Power
Supervision
POR &
RESET
Watchdog
Oscillator
Watchdog
Timer
Oscillator
Circuits /
Clock
Generation
VREF
VREFGND
PI
NI
PA3..0
PA1..0
8/16-bit T/C1
8/16-bit T/C0
PORTB (8)
PB7..0
SPI
Voltage
Regulator
Charger
Detect
VFET
VREG
BATT
PV1
DATA BUS
VPTAT
Current
Protection
Security
Module
PORTC (6)
PC5..0
Voltage Regulator
Monitor Interface
PB0
Oscillator
Sampling
Interface
Program
Logic
debugWIRE
Cell
Balancing
PV3
PV4
TWI
PPI
NNI
OD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com