Electronic Components Datasheet Search
  English  ▼

X  

TLC5960DA Datasheet(PDF) 15 Page - Texas Instruments

Click here to check the latest version.
Part # TLC5960DA
Description  Eight-Channel LED Driver with Intelligent Headroom Voltage Monitor (iHVM)
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC5960DA Datasheet(HTML) 15 Page - Texas Instruments

Back Button TLC5960DA Datasheet HTML 11Page - Texas Instruments TLC5960DA Datasheet HTML 12Page - Texas Instruments TLC5960DA Datasheet HTML 13Page - Texas Instruments TLC5960DA Datasheet HTML 14Page - Texas Instruments TLC5960DA Datasheet HTML 15Page - Texas Instruments TLC5960DA Datasheet HTML 16Page - Texas Instruments TLC5960DA Datasheet HTML 17Page - Texas Instruments TLC5960DA Datasheet HTML 18Page - Texas Instruments TLC5960DA Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 33 page
background image
Internal
CLK
G1
3.2 s
m
MinimumOntime
CTRL1
CTRL2
CTRL3
CTRL4
G2
G3
G4
G5
G6
G7
G8
t
D
t
4
52 s
´
»
m
D
t
6
81 s
´
»
m
D
t
D
t
D
t =3.2 s
4
13 s
m ´
»
m
D
t
2
26 s
´
»
m
D
TLC5960
www.ti.com
SBVS147 – SEPTEMBER 2010
BUILT-IN PHASE SHIFT AND PWM INPUT MINIMUM ON-TIME REQUIREMENT
The TLC5960 is equipped with a built-in phase shift function to prevent noise from affecting all eight channels.
The gate drive timing has a sequential delay time between each combination of channels. This built-in delay time
(tD) is typically 13µs, and consists of four internal clock cycles. Figure 18 describes the phase shift sequence. G1
turns on immediately after the CTRL1 input goes high. After the unit delay of tD, the G2 output powers on. On the
other hand, G3, which is driven by control input CTRL2, already has twice the unit delay from the turn-on timing
of CTRL2. G4 turns on after G3 with a sequential unit delay. CTRL3 turns on G5 and G6; these outputs have a
built-in (tD × 4) and (tD × 5) phase shift, respectively. Finally, CTRL4 turns on G7 and G8; these outputs have
built-in (tD × 6) and (tD × 7) phase shift, respectively, from CTRL4 on-timing. This description is for the HVM 2CH
mode; however, the phase shift function is available in all of the HVM modes. In 4CH HVM mode, CTRL1 drives
G1, G2, G6, and G7. These output delays are fixed at 0, tD, (tD × 5), and (tD × 6), respectively. CTRL3 turns on
the other four channels, G3, G4, G7, and G8. These phase shifts are also fixed at (tD × 2), (tD × 3), (tD × 6), and
(tD × 7), respectively. The phase shift function works in the same manner in the 8CH HVM mode.
The internal clock cycle is equal to the minimum on-time of the TLC5960 gate driver. The gate drivers are
designed to drive the external FET turn-on and turn-off within 1µs for both rise and fall times, typically. Therefore,
the internal clock cycle of 3.2µs defines the minimum on-time pulse width on the LED strings in the
TLC5960-based system.
Figure 18. Built-In Phase Shift Output Sequence
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
15
Product Folder Link(s): TLC5960



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com